Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL12A Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPL12A
Description  8K Bytes Micro-controller with LCD Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL12A Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPL12A Datasheet HTML 10Page - Generalplus Technology Inc. GPL12A Datasheet HTML 11Page - Generalplus Technology Inc. GPL12A Datasheet HTML 12Page - Generalplus Technology Inc. GPL12A Datasheet HTML 13Page - Generalplus Technology Inc. GPL12A Datasheet HTML 14Page - Generalplus Technology Inc. GPL12A Datasheet HTML 15Page - Generalplus Technology Inc. GPL12A Datasheet HTML 16Page - Generalplus Technology Inc. GPL12A Datasheet HTML 17Page - Generalplus Technology Inc. GPL12A Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
GPL12A
© Generalplus Technology Inc.
Proprietary & Confidential
14
Jul. 27, 2011
Version: 1.4
7.2. 256 Dots (8 x 32) LCD Driver, 1/4 Bias, R-Oscillator / 32768Hz R-Oscillator
TEST
IOA0
IOA1
IOA2
IOA3
IOA4
IOA5
IOA6
IOA7
VDD
OSCPLL
VSS
X32O
X32I
RESETB
V3_INB5
GPL12A
COM[3:0]
SEG[31:0]
LCD
COM[7:4]
SEG[31:0]
IO Device
INPUTS
VDD
100
μF
LVROFF : VSS --> LVR enable
HCKOPT : VSS --> R-oscillator
LCKOPT : VDD --> 32768 Hz R-oscillator
Mask Options
C3
RESET
SEG20
SEG19
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
VDD
SEG29
SEG28
Bias
cirucit
1 / 4 Bias application circuit
VDD
0.1
μF0.1 μF
0.1
μF
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com