Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8463MLI Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8463MLI
Description  10/100 Managed Switch
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8463MLI Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8463MLI Datasheet HTML 17Page - Microchip Technology KSZ8463MLI Datasheet HTML 18Page - Microchip Technology KSZ8463MLI Datasheet HTML 19Page - Microchip Technology KSZ8463MLI Datasheet HTML 20Page - Microchip Technology KSZ8463MLI Datasheet HTML 21Page - Microchip Technology KSZ8463MLI Datasheet HTML 22Page - Microchip Technology KSZ8463MLI Datasheet HTML 23Page - Microchip Technology KSZ8463MLI Datasheet HTML 24Page - Microchip Technology KSZ8463MLI Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 213 page
background image
 2018 Microchip Technology Inc.
DS00002642A-page 21
KSZ8463ML/RL/FML/FRL
FIGURE 3-3:
AUTO-NEGOTIATION FLOW CHART
3.1.14
LINKMD® CABLE DIAGNOSTICS
The KSZ8463 LinkMD uses time domain reflectometry (TDR) to analyze the cabling plant for common cabling problems
such as open circuits, short circuits, and impedance mismatches.
LinkMD works by sending a pulse of known amplitude and duration down the MDI and MDI-X pairs and then analyzes
the shape of the reflected signal. Timing the pulse duration gives an indication of the distance to the cabling fault with a
maximum distance of 200m and an accuracy of ±2m. Internal circuitry displays the TDR information in a user-readable
digital format in register P1SCSLMD[8:0] or P2SCSLMD[8:0].
Cable diagnostics are only valid for copper connections. Fiber-optic operation is not supported.
3.1.14.1
Access
LinkMD is initiated by accessing register P1SCSLMD (0x07C) or P2SCSLMD (0x094), the PHY special control/status
and LinkMD register.
START AUTO-NEGOTIATION
FORCE LINK SETTING
LISTEN FOR 10BASE-T
LINK PULSES
LISTEN FOR 100BASE-TX
IDLES
ATTEMPT AUTO-
NEGOTIATION
LINK MODE SET
BYPASS AUTO-NEGOTIATION
AND SET LINK MODE
LINK MODE SET?
PARALLEL
OPERATION
NO
YES
YES
NO
JOIN FLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com