Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8463MLI Datasheet(PDF) 78 Page - Microchip Technology

Part # KSZ8463MLI
Description  10/100 Managed Switch
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8463MLI Datasheet(HTML) 78 Page - Microchip Technology

Back Button KSZ8463MLI Datasheet HTML 74Page - Microchip Technology KSZ8463MLI Datasheet HTML 75Page - Microchip Technology KSZ8463MLI Datasheet HTML 76Page - Microchip Technology KSZ8463MLI Datasheet HTML 77Page - Microchip Technology KSZ8463MLI Datasheet HTML 78Page - Microchip Technology KSZ8463MLI Datasheet HTML 79Page - Microchip Technology KSZ8463MLI Datasheet HTML 80Page - Microchip Technology KSZ8463MLI Datasheet HTML 81Page - Microchip Technology KSZ8463MLI Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 213 page
background image
KSZ8463ML/RL/FML/FRL
DS00002642A-page 78
 2018 Microchip Technology Inc.
0x50E – 0x513
0x50E
0x513
Reserved
(6-Bytes)
Don’t Care
None
0x514 – 0x515
0x514
0x515
TS8_SM-
PL2_NSL
0x0000
Time stamp Unit 8 Input Sample Time (2nd)
in Nanoseconds Low-Word Register [15:0]
0x516 – 0x517
0x516
0x517
TS8_SM-
PL2_NSH
0x0000
Time stamp Unit 8 Input Sample Time (2nd)
in Nanoseconds High-Word Register
[29:16]
0x518 – 0x519
0x518
0x519
TS8_SMP2_SL
0x0000
Time stamp Unit 8 Input Sample Time (2nd)
in Seconds Low-Word Register [15:0]
0x51A – 0x51B
0x51A
0x51B
TS8_SM-
PL2_SH
0x0000
Time stamp Unit 8 Input Sample Time (2nd)
in Seconds High-Word Register [31:16]
0x51C – 0x51D
0x51C
0x51D
TS8_SMPL2_-
SUB_NS
0x0000
Time stamp Unit 8 Input Sample Time (2nd)
in Sub-Nanoseconds Register [2:0]
0x51E – 0x51F
0x51E
0x51F
Reserved
(2-Bytes)
Don’t Care
None
0x520 – 0x521
0x520
0x521
TS9_STATUS
0x0000
Time stamp Input Unit 9 Status Register
0x522 – 0x523
0x522
0x523
TS9_CFG
0x0000
Time stamp Input Unit 9 Configuration/Con-
trol Register
0x524 – 0x525
0x524
0x525
TS9_SM-
PL1_NSL
0x0000
Time stamp Unit 9 Input Sample Time (1st)
in Nanoseconds High-Word Register [15:0]
0x526 – 0x527
0x526
0x527
TS9_SM-
PL1_NSH
0x0000
Time stamp Unit 9 Input Sample Time (1st)
in Nanoseconds High-Word Register
[29:16]
0x528 – 0x529
0x528
0x529
TS9_SM-
PL1_SL
0x0000
Time stamp Unit 9 Input Sample Time (1st)
in Seconds High-Word Register [15:0]
0x52A – 0x52B
0x52A
0x52B
TS9_SM-
PL1_SH
0x0000
Time stamp Unit 9 Input Sample Time (1st)
in Seconds High-Word Register [31:16]
0x52C – 0x52D
0x52C
0x52D
TS9_SMPL1_-
SUB_NS
0x0000
Time stamp Unit 9 Input Sample Time (1st)
in Sub-Nanoseconds Register [2:0]
0x52E – 0x533
0x52E
0x533
Reserved
(6-Bytes)
Don’t Care
None
0x534 – 0x535
0x534
0x535
TS9_SM-
PL2_NSL
0x0000
Time stamp Unit 9 Input Sample Time (2nd)
in Nanoseconds Low-Word Register [15:0]
0x536 – 0x537
0x536
0x537
TS9_SM-
PL2_NSH
0x0000
Time stamp Unit 9 Input Sample Time (2nd)
in Nanoseconds High-Word Register
[29:16]
0x538 – 0x539
0x538
0x539
TS9_SMP2_SL
0x0000
Time stamp Unit 9 Input Sample Time (2nd)
in Seconds Low-Word Register [15:0]
0x53A – 0x53B
0x53A
0x53B
TS9_SM-
PL2_SH
0x0000
Time stamp Unit 9 Input Sample Time (2nd)
in Seconds High-Word Register [31:16]
0x53C – 0x53D
0x53C
0x53D
TS9_SMPL2_-
SUB_NS
0x0000
Time stamp Unit 9 Input Sample Time (2nd)
in Sub-Nanoseconds Register [2:0]
0x53E – 0x53F
0x53E
0x53F
Reserved
(2-Bytes)
Don’t Care
None
0x540 – 0x541
0x540
0x541
TS10_STATUS
0x0000
Time stamp Input Unit 10 Status Register
TABLE 4-5:
INTERNAL I/O REGISTER SPACE MAPPING FOR PTP TIME STAMP INPUTS (12
UNITS, 0X400 – 0X5FF) (CONTINUED)
I/O Register Offset Location
Register Name
Default Value
Description
16-Bit
8-Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com