Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL16258VB Datasheet(PDF) 18 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 18 Page - Generalplus Technology Inc.

Back Button GPL16258VB Datasheet HTML 14Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 15Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 16Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 17Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 18Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 19Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 20Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 21Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 22Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
18
Nov. 24, 2016
Version: 1.0
8. APPLICATION CIRCUIT
8.1. For TV Plug-and-Play Simple ELA/Game 2D Application
Mask ROM
Mask ROM
DATA
ADR
CSB
OEB
XA[23..0]
XD[15..0]
BKCSB
BKOEB
GPL16258VB
SD Card
Optional
Light Gun
Hand
Hand-- Held LCD
Held LCD
Simple ELA/Game
Simple ELA/Game
2D VGA/QVGA
2D VGA/QVGA
* Number of capacitance depends on the power consumption of wholesystem (including IC, memory, external component)
RESET
BM0
BM1
BM2
Optional
Optional
VSS
VSS
VSS
VSS
VSS
VCBU
VCBL
VAVDD
X6MO
X6MI
X32KI
X32KO
6MHz
22pF
22pF
32768Hz
12pF
12pF
VDVREF
VRSET
AVSS
VAOUT
DACOR
DACOL
(
75Ω
Optional
0.1uF 0.1uF
0.1uF
0.1uF
0.1uF
390Ω
100uF
100uF
1uF
1uF
DVCC33
AVSS
VideoVss
VSS
VSS
VSS
VSS
TFT/STN
10
Ω
10uF
100kΩ
100kΩ
100kΩ
Image Sensor
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com