Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL16258VB Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPL16258VB Datasheet HTML 4Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 5Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 6Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 7Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 8Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 9Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 10Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 11Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
8
Nov. 24, 2016
Version: 1.0
Top Side
No
Package No
Name
Group
Type
Normal Function Description
GPIO Group
96
97
AVSS
USB
PWR
USB ground
97
98
DVSS
Digital GND
PWR
Digital ground
98
99
IOB8
EINT
I/O
External INT0; Light gun input
IOB8
99
100
XD7
Memory I/F
I/O
External memory data pin 7
100
101
XD6
Memory I/F
I/O
External memory data pin 6
101
102
XD5
Memory I/F
I/O
External memory data pin 5
102
103
XD4
Memory I/F
I/O
External memory data pin 4
103
104
XD3
Memory I/F
I/O
External memory data pin 3
104
105
XD2
Memory I/F
I/O
External memory data pin 2
105
106
XD1
Memory I/F
I/O
External memory data pin 1
106
107
XD0
Memory I/F
I/O
External memory data pin 0
107
108
XD15
Memory I/F
I/O
External memory data pin 15
108
109
DVCC33
Digital PWR
PWR
3.3V digital power
109
110
XD14
Memory I/F
I/O
External memory data pin 14
110
111
XD13
Memory I/F
I/O
External memory data pin 13
111
112
XD12
Memory I/F
I/O
External memory data pin 12
112
113
DVSS
Digital GND
PWR
Digital ground
113
114
DVCC18
Digital PWR
PWR
1.8V digital power
114
115
XD11
Memory I/F
I/O
External memory data pin 11
115
116
XD10
Memory I/F
I/O
External memory data pin 10
116
117
XD9
Memory I/F
I/O
External memory data pin 9
117
118
DVCC33
Digital PWR
PWR
3.3V digital power
118
119
XD8
Memory I/F
I/O
External memory data pin 8
119
120
CLK
SDRAM
I/O
SDRAM clock
IOC0
120
121
CKE
SDRAM
I/O
SDRAM clock enable
IOC1
121
122
XA9
Memory I/F
I/O
External memory address pin 9
122
123
XA8
Memory I/F
I/O
External memory address pin 8
123
124
XA7
Memory I/F
I/O
External memory address pin 7
124
125
BKCSB4
Memory I/F
I/O
External memory chip select 4
IOD4
125
126
XA6
Memory I/F
I/O
External memory address pin 6
126
127
XA5
Memory I/F
I/O
External memory address pin 5
127
128
XA4
Memory I/F
I/O
External memory address pin 4
128
1
BKCSB3
Memory I/F
I/O
External memory chip select 3
IOD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com