Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3772 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3772
Description  POWER TRANSISTORS (NPN SILICON)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3772 Datasheet(HTML) 1 Page - ON Semiconductor

  2N3772 Datasheet HTML 1Page - ON Semiconductor 2N3772 Datasheet HTML 2Page - ON Semiconductor 2N3772 Datasheet HTML 3Page - ON Semiconductor 2N3772 Datasheet HTML 4Page - ON Semiconductor 2N3772 Datasheet HTML 5Page - ON Semiconductor 2N3772 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
High Power NPN Silicon Power
Transistors
. . . designed for linear amplifiers, series pass regulators, and inductive switching
applications.
• Forward Biased Second Breakdown Current Capability
IS/b = 3.75 Adc @ VCE = 40 Vdc — 2N3771
IS/b = 2.5 Adc @ VCE = 60 Vdc — 2N3772
*MAXIMUM RATINGS
Rating
Symbol
2N3771
2N3772
Unit
Collector–Emitter Voltage
VCEO
40
60
Vdc
Collector–Emitter Voltage
VCEX
50
80
Vdc
Collector–Base Voltage
VCB
50
100
Vdc
Emitter–Base Voltage
VEB
5.0
7.0
Vdc
Collector Current — Continuous
Peak
IC
30
30
20
30
Adc
Base Current — Continuous
Peak
IB
7.5
15
5.0
15
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
150
0.855
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
2N3771, 2N3772
Unit
Thermal Resistance, Junction to Case
θJC
1.17
_C/W
* Indicates JEDEC Registered Data.
200
0
0
25
50
75
100
125
150
175
200
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
150
100
50
25
175
125
75
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by 2N3771/D
© Motorola, Inc. 1995
2N3771
2N3772
*Motorola Preferred Device
20 and 30 AMPERE
POWER TRANSISTORS
NPN SILICON
40 and 60 VOLTS
150 WATTS
*
CASE 1–07
TO–204AA
(TO–3)
REV 7


Similar Part No. - 2N3772

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
2N3772 WINGS-2N3772 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3772 BOCA-2N3772 Datasheet
138Kb / 3P
HIGH POWER NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N3772 MICROSEMI-2N3772 Datasheet
67Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N3772

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com