Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3772 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N3772
Description  POWER TRANSISTORS (NPN SILICON)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3772 Datasheet(HTML) 4 Page - ON Semiconductor

  2N3772 Datasheet HTML 1Page - ON Semiconductor 2N3772 Datasheet HTML 2Page - ON Semiconductor 2N3772 Datasheet HTML 3Page - ON Semiconductor 2N3772 Datasheet HTML 4Page - ON Semiconductor 2N3772 Datasheet HTML 5Page - ON Semiconductor 2N3772 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N3771 2N3772
4
Motorola Bipolar Power Transistor Device Data
100
0.3
Figure 6. Turn–Off Time
IC, COLLECTOR CURRENT (AMP)
50
20
10
5.0
2.0
1.0
0.1
0.5
1.0
2.0
5.0 7.0
30
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
0.5
tf
ts
3.0
0.2
10
20
2000
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
200
0.2
1.0
2.0
5.0
100
Cib
10
20
1000
700
500
300
0.5
50
Cob
TJ = 25°C
500
0.3
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
0.5 0.7
1.0
2.0
3.0
5.0
10
20
30
100
50
20
200
TJ = 150°C
25
°C
– 55
°C
7.0
300
70
30
10
7.0
VCE = 4.0 V
Figure 9. Collector Saturation Region
2.0
0.01
IC, COLLECTOR CURRENT (AMP)
0
0.02
0.1
0.2
0.5
1.0
2.0
5.0
10
1.6
1.2
0.8
0.4
IC = 2.0 A
TJ = 25°C
0.05
5.0 A
10 A
20 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com