Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT1925 Datasheet(PDF) 11 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CMT1925 Datasheet HTML 7Page - Cree, Inc CMT1925 Datasheet HTML 8Page - Cree, Inc CMT1925 Datasheet HTML 9Page - Cree, Inc CMT1925 Datasheet HTML 10Page - Cree, Inc CMT1925 Datasheet HTML 11Page - Cree, Inc CMT1925 Datasheet HTML 12Page - Cree, Inc CMT1925 Datasheet HTML 13Page - Cree, Inc CMT1925 Datasheet HTML 14Page - Cree, Inc CMT1925 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® CmT1925 LED
rELaTivE LuMinous fLuX
The relative luminous flux values provided below are the ratio of:
• Measurements of CMT1925 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 700 mA at T
J = 85 °C.
For example, at steady‑state operation of Tc = 25 °C, I
F = 900 mA, the relative luminous flux ratio is 140% in the chart below. A CMT1925
LED that measures 3380 lm during binning will deliver 4732 lm (3380 * 1.4) at steady‑state operation of Tc = 25 °C, I
F = 900 mA.
TyPiCaL sPaTiaL DisTribuTion
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
220%
240%
400
500
600
700
800
900 1000 1100 1200 1300 1400 1500 1600 1700
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com