Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT1925 Datasheet(PDF) 19 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 19 Page - Cree, Inc

Back Button CMT1925 Datasheet HTML 13Page - Cree, Inc CMT1925 Datasheet HTML 14Page - Cree, Inc CMT1925 Datasheet HTML 15Page - Cree, Inc CMT1925 Datasheet HTML 16Page - Cree, Inc CMT1925 Datasheet HTML 17Page - Cree, Inc CMT1925 Datasheet HTML 18Page - Cree, Inc CMT1925 Datasheet HTML 19Page - Cree, Inc CMT1925 Datasheet HTML 20Page - Cree, Inc CMT1925 Datasheet HTML 21Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
19
XLamp® CmT1925 LED
ThErMaL DEsign
The CMT family of LeD arrays can include over a hundred different LeD die inside one package, and thus over a hundred different junction
temperatures (T
J). Cree has intentionally removed junction-temperature-based operating limits and replaced the commonplace maximum
T
J calculations with maximum ratings based on forward current (IF) and case temperature (Tc). No additional calculations are required to
ensure the CMT LED is being operated within its designed limits. LES temperature measurement provides additional verification of good
thermal design. Please refer to page 3 for the Operating Limit specification.
There is no need to calculate for T
J inside the package, as the thermal management design process, specifically from solder point (TSP) to
ambient (T
a), remains identical to any other LeD component. For more information on thermal management of Cree XLamp LeDs, please
refer to the Thermal Management application note. For CMT soldering recommendations and more information on thermal interface
materials (TIM), LeS temperature measurement, and connection methods, please refer to the Cree XLamp CM Family LeDs soldering and
handling document.
To keep the CMT1925 LeD at or below the maximum rated Tc, the case to ambient temperature
thermal resistance (R_c-a) must be at or below the maximum R_c-a value shown on the following
graph, depending on the operating environment. The y-axis in the graph is a base 10 logarithmic
scale.
As the figure at right shows, the R_c‑a value is the sum of the thermal resistance of the TIM (R_tim)
plus the thermal resistance of the heat sink (R_hs).
R_j-c
Tc
R_tim
R_hs
Ta
R_j-c
Tc
R_c-a
Ta
CMT1930
0.01
0.10
1.00
10.00
100.00
200
350
500
650
800
950
1100
1250
1400
1550
1700
1850
2000
Current (mA)
Ta = 25 °C
Ta = 55 °C
Ta = 85 °C
Ta = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com