Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTVA261802FC-V1-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # GTVA261802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA261802FC-V1-R2 Datasheet(HTML) 1 Page - Cree, Inc

  GTVA261802FC-V1-R2 Datasheet HTML 1Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 2Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 3Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 4Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 5Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 6Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 7Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
GTVA261802FC
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2018-09-25
Thermally-Enhanced High Power RF GaN on SiC HEMT
170 W, 48 V, 2620 – 2690 MHz
Features
• GaN on SiC HEMT technology
• Input matched
• Typical Pulsed CW performance,combined outputs,
2690 MHz, 48 V, 10 µs pulse width, 10% duty cycle
- Output power at P3dB = 170 W
-DrainEfficiency@P3dB = 65.5%
-Gain@P3dB = 15 dB
• Capable of handling 10:1 VSWR @48V,180W(CW)
output power
• HumanBodyModelClass1A(perANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The GTVA261802FC is a 170-watt GaN on SiC high electron mobility tran-
sistorforuseinmulti-standardcellularpoweramplifierapplications.
Itfeaturesinputmatching,highefficiency,andathermally-enhanced
packagewithearlessflange.
RF Characteristics
Single-carrier WCDMA Specifications (testedinWolfspeedproductiontestfixture)
VDD = 48 V, IDQ = 160 mA, POUT=50Wavg,ƒ=2690MHz,3GPP,channelbandwidth=3.84MHz,peak/average=10dB@0.01%CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
15.5
16.8
—
dB
DrainEfficiency
hD
40
43
—
%
Adjacent Channel Power Ratio
ACPR
—
–27
–24.5
dBc
OutputPAR@0.01%CCDF
OPAR
4.5
5.3
—
dB
GTVA261802FC
Package H-37248C-4
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
27
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 160 mA,
ƒ = 2690 MHz, 3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
gtva261802fc_g1


Similar Part No. - GTVA261802FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
GTVA261802FC-V1-R2 WOLFSPEED-GTVA261802FC-V1-R2 Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
More results

Similar Description - GTVA261802FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA261701FA CREE-GTVA261701FA Datasheet
591Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 ??2690 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTVA262701FA CREE-GTVA262701FA Datasheet
489Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
GTVA262711FA CREE-GTVA262711FA Datasheet
464Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTVA261701FA-V1 WOLFSPEED-GTVA261701FA-V1 Datasheet
750Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 – 2690 MHz
Rev. 05.1, 2022-1-27
GTVA262701FA_V2 WOLFSPEED-GTVA262701FA_V2 Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
GTVA262701FA WOLFSPEED-GTVA262701FA Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA262711FA WOLFSPEED-GTVA262711FA Datasheet
594Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 – 2690 MHz
Rev. 04.4, 2022-1-27
GTVA263202FC WOLFSPEED-GTVA263202FC Datasheet
632Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
Rev. 04.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com