Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTVA261802FC-V1-R2 Datasheet(PDF) 5 Page - Cree, Inc

Part # GTVA261802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA261802FC-V1-R2 Datasheet(HTML) 5 Page - Cree, Inc

  GTVA261802FC-V1-R2 Datasheet HTML 1Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 2Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 3Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 4Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 5Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 6Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 7Page - Cree, Inc GTVA261802FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2018-09-25
5
GTVA261802FC
Reference Circuit, 2620 – 2690 MHz
Reference circuit assembly diagram (not to scale)
C211
C212
C206
C210
R201
C202
U2
C203
C204
C201
C205
C207
C208
C209
R101
C103
C101
C105
R103
C102
C106
C104
R102
GTVA261802FC_IN_01
RF_IN
RF_OUT
VDD
gt v a26 180 2f c_ C D_ 08 - 16 - 20 18
RO4350, 20 MIL
GTVA261802FC_OUT_01
RO4350, 20 MIL
C213
C214
U1
VDD
VGS(MAIN)
VGS(PEAK)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com