Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3281 Datasheet(PDF) 40 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 36Page - Semtech Corporation GS3281 Datasheet HTML 37Page - Semtech Corporation GS3281 Datasheet HTML 38Page - Semtech Corporation GS3281 Datasheet HTML 39Page - Semtech Corporation GS3281 Datasheet HTML 40Page - Semtech Corporation GS3281 Datasheet HTML 41Page - Semtech Corporation GS3281 Datasheet HTML 42Page - Semtech Corporation GS3281 Datasheet HTML 43Page - Semtech Corporation GS3281 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
40 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.7.4.1 Pre-Emphasis Optimization
The goal of pre-emphasis is to open the eye at the downstream receiver as much as
possible. This means minimizing ISI jitter while meeting sufficient inner eye amplitude
to meet a receiver's input sensitivity. The cable driver has the additional requirement to
meet the SMPTE output specification.
The GS3281 has a high level of precision for pre-emphasis control, which allows for fine
optimization of any loss channel. The default cable driver settings should meet SMPTE
output specification for most applications with short (1 to 2 inch) trace between the
GS3281 and the output BNC. However, the pre-emphasis values may be adjusted to
produce a better-looking eye. It is difficult to provide guidance regarding dB, as a 3G eye
diagram looks different depending on the video test equipment used. The designer
must optimize for their targets.
Table 4-8: Output Swing and Pre-Emphasis Control Parameters
Register Name and
Addressh
Parameter Name
Description
0x2B/0x29,
OUTPUT_ PARAM_CD_
SD_3/
OUTPUT_ PARAM_CD_
SD_1
CFG_OUTPUT<n>_CD_
SD_DRIVER_SWING
Output amplitude configuration parameter.
<n> = 0: For SD and MADI rates on SDO0.
<n> = 1: For SD and MADI rates on SDO1.
0x2D/0x2F
OUTPUT_ PARAM_
CD_HD_1/
OUTPUT_ PARAM_
CD_HD_3
CFG_OUTPUT<n>_CD_
HD_DRIVER_SWING
Output amplitude configuration parameter.
<n> = 0: For HD and 3G rates on SDO0.
<n> = 1: For HD and 3G rates on SDO1.
0x2C/0x2E
OUTPUT_ PARAM_
CD_HD_0/
OUTPUT_ PARAM_
CD_HD_2
CFG_OUTPUT<n>_CD_HD_
PREEMPH_WIDTH
Output pre-emphasis pulse width configuration parameter.
<n> = 0: For HD and 3G rates on SDO0.
<n> = 1: For HD and 3G rates on SDO1.
CFG_OUTPUT<n>_CD_HD_
PREEMPH_PWRDWN
Output pre-emphasis power down configuration parameter.
<n> = 0: For HD and 3G rates on SDO0.
<n> = 1: For HD and 3G rates on SDO1.
CFG_OUTPUT<n>_CD_HD_
PREEMPH_AMPL
Output pre-emphasis pulse amplitude configuration parameter.
<n> = 0: For HD and 3G rates on SDO0.
<n> = 1: For HD and 3G rates on SDO1.
0x31/0x33
OUTPUT_ PARAM_
CD_BYPASS_1/
OUTPUT_ PARAM_
CD_BYPASS_3
CFG_OUTPUT<n>_CD_BYPASS_
DRIVER_SWING
Output amplitude configuration parameter.
<n> = 0: For Bypass on SDO0.
<n> = 1: For Bypass on SDO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com