Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF440 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF440
Description  N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF440 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF440 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF440 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF440 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF440 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF440 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IRF440-443/IRF840-843
MTM7N45/7N50
N-Channel Power MOSFETs
8A, 450V/500V
www.artschip.com
3
Electrical Characteristics
(Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Min
Max
Unit
Test Conditions
Off Characteristics
500
V(BR)DSS
Drain Source Breakdown Voltage1
MTM7N50
MTM7N45
450
V
VGS=0V, ID=5.0mA
0.25
mA
VDS=0.85 x Rated VDSS,
VGS=0V
IDSS
Zero Gate Voltage Drain Current
2.5
mA
VDS=0.85 x Rated VDSS,
VGS=0V, Tc=100℃
IGSS
Gate-Body Leakage Current
±500
nA
VGS=±20V, VDS=0V
On Characteristics
VGS(th)
Gate Threshold Voltage
2.0
4.5
V
ID=1.0mA, VDS=VGS
1.5
4.0
V
ID=1.0mA, VDS=VGS
TC=100℃
RDS(on)
Static Drain-Source On-Resistance2
0.8
Ω
VGS=10V, ID=3.5A
2.8
V
VGS=10V, ID=3.5A
7.0
V
VGS=10V, ID=7.0A
VDS(on)
Drain-Source On-Voltage2
5.6
V
VGS=10V, ID=3.5A
Tc=100℃
gfs
Forward Transconductance
4.0
S( )
VDS=10V, ID≈4.0A
Dynamic Characteristics
Ciss
Input Capacitance
1800
pF
Coss
Output Capacitance
350
pF
Crss
Reverse Transfer Capacitance
150
pF
VDS=25V, VGS=0V
f=1.0MHz
Switching Characteristics
(Tc=25℃, Figure 9,10)
3
td(on)
Turn-On Delay Time
60
ns
tr
Rise Time
150
ns
td(off)
Turn-On Delay Time
200
ns
tf
Fall Time
120
ns
VDD=25V, ID=3.5A
VGS=10V, RGEN=50 Ω
RGS=50 Ω
Qg
Total Gate Charge
60
nC
VGS=10V, ID=12A
VDD=400V
Notes
1.
TJ=+25℃ to +150℃
2.
Pulse test: Pulse width ≤ 80µs, Duty cycle ≤ 1%
3.
Switching time measurements performed on LEM TR-58 test equipment



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com