Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3648CSR Datasheet(PDF) 17 Page - Shanghai awinic technology co.,ltd

Part # AW3648CSR
Description  High Efficiency, 1.5A Flash LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3648CSR Datasheet(HTML) 17 Page - Shanghai awinic technology co.,ltd

Back Button AW3648CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AW3648
Jan 2018 V1.4
www.awinic.com.cn
17
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
IN
I
2C command
twait≥2ms
HWEN
Fig 40
Power-Up Sequence with HWEN Driven by GPIO
FLASH MODE
In Flash Mode, the LED current source provides 64 target current levels from 23.4mA to 1.5A. The Flash
current are adjusted via the LED Flash Brightness Registers.
Flash mode is activated by the Enable
Register(setting M1, M0 to '11'), or by pulling the STROBE pin HIGH when the pin is enabled (Enable
Register). Once the Flash sequence is activated the current source ramps up to the programmed Flash
current by stepping through all current steps until the programmed current is reached.
When the device is enabled in Flash Mode through the Enable Register, all mode bits in the Enable Register
are cleared after a flash timeout event.
TORCH MODE
In Torch mode, the LED current source provides 64 target current levels from 5.4mA to 376mA. The Torch
currents are adjusted via the LED Torch Brightness Registers. Torch mode is activated by the Enable
Register (setting M1, M0 to '10'), or by pulling the TORCH/TEMP pin HIGH when the pin is enabled (Enable
Register) and set to Torch Mode. Once the TORCH sequence is activated the active current source ramps up
to the programmed Torch current by stepping through all current steps until the programmed current is
reached. The rate at which the current ramps is determined by the value chosen in the Timing Register.
Torch Mode is not affected by Flash Timeout or by a TX Interrupt event.
IR MODE
In IR Mode, the target LED current is equal to the value stored in the LED Flash Brightness Registers. When
IR mode is enabled (setting M1, M0 to '01'), the boost converter turns on and set the output equal to the input
(pass-mode). At this point, toggling the STROBE pin enables and disables the LED current source (if enabled).
The strobe pin can only be set to be Level sensitive, meaning all timing of the IR pulse is externally controlled.
In IR Mode, the current sources do not ramp the LED outputs to the target. The current transitions
immediately from off to on and then on to off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com