Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3648CSR Datasheet(PDF) 22 Page - Shanghai awinic technology co.,ltd

Part # AW3648CSR
Description  High Efficiency, 1.5A Flash LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3648CSR Datasheet(HTML) 22 Page - Shanghai awinic technology co.,ltd

Back Button AW3648CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 26Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
AW3648
Jan 2018 V1.4
www.awinic.com.cn
22
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
LED SHORT FAULT
The LED Short Fault flag read back a '1' if the device is active in Flash or Torch mode and the LED output
experiences a short condition. An LED short condition is determined if the voltage at LED goes below 500mV
(typ.) while the device is in Torch or Flash mode. There is a
deglitch time of 256μs before the LED Short Fault
flag is valid. The mode bits are cleared upon an LED short fault. The AW3648 is not available for operation
until the LED Fault Short flag is cleared. The LED Short Fault can be reset to '0' by reading back the Flags1
Register (0x0A), or by setting HWEN to '0', or by setting the SW RESET bit to a '1', or by removing power to
the AW3648.
OVERVOLTAGE PROTECTION (OVP)
The output voltage is limited to typically 5 V. In situations such as an open LED, the AW3648 raises the output
voltage in order to try and keep the LED current at its target value. When VOUT reaches 5 V (typ.) the
overvoltage comparator trips and turns off the internal NMOS. When VOUT falls below the
“VOVP Off
Threshold
”, the AW3648 begins switching again. The mode bits are cleared, and the OVP Fault flag is set,
when an OVP condition is present for three rising OVP edges. This prevents momentary OVP events from
forcing the device to shut down. The AW3648 is not available for operation until the OVP Fault flag is cleared.
The OVP Fault can be reset to '0' by reading back the Flags2 Register (0x0A), or by setting HWEN to '0', or by
setting the SW RESET bit to a '1', or by removing power to the AW3648.
THERMAL SHUTDOWN (TSD)
When the AW3648 die temperature reaches 155°C, the thermal shutdown detection circuit trips, forcing the
AW3648 into standby and writing a '1' to the Thermal Shutdown Fault flag of the Flags1 Register (0x0A) . The
AW3648 is only allowed to restart after the Thermal Shutdown Fault flag is cleared. The Thermal Shutdown
Faults can be reset to '0' by reading back the Flags1 Register (0x0A), or by setting HWEN to '0', or by setting
the SW RESET bit to a '1', or by removing power to the AW3648. Upon restart, if the die temperature is still
above 155°C, the AW3648 resets the Fault flag and re-enters standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com