Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ45 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFZ45
Description  N-CHANNEL POWER MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFZ45 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFZ45 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ45 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ45 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ45 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ45 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IRFZ44/45/40/42
N-CHANNEL POWER MOSFETS
www.artschip.com
3
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol
Characteristic
Min
Typ
Max
Units
Test C
onditions
Is
Continuous Source
IRFZ44/40
Current (Body Diode)
IRFZ45/42
-
-
-
-
35
35
A
A
ISM
Pulse-Source Current
IRFZ44/40
(3)
IRFZ45/42
-
-
-
-
210
190
A
A
Modified MOSFET integral
reverse P-N junction rectifier
VSD
Diode Forward Voltage All
-
-
25
V
Tc=25℃, IS=35A, VGS=0V
trr
Reverse Recovery Time
-
-
250
ns
TJ=25℃, IF=35A, dIF/dt=100A/µS
Notes:
(1) TJ=25℃ to 175℃
(2) Pulse test Pulse width ≤300µs, Duty Cycle ≤ 2%
(3) Repetitive rating Pulse with limited by max junction temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com