Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM124
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM124 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM124 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM124,LM124A,LM224,LM224A
LM324,LM324A,LM324Y,LM2902,LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E-SEPTEMBER 1975-REVISED FEBRUARY1997
www.artschip.com
4
Absolute maximum ratings over operating free-air temperature range (unless otherwise noted) †
LM124,LM124A
LM224,LM224A
LM324,LM324A
LM2902,
LM2902Q
UNIT
Supply voltage, Vcc (see Note 1)
32
26
V
Differential input voltage, VID (see Note 2)
±32
±26
V
Input voltage, VI (either input)
-0.3 to 32
-0.3 to 26
V
Duration of output short circuit (one amplifier) to ground at (or below) TA=25℃,
Vcc≤15V (see Note 3)
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
LM124,LM124A
-55 to 125
LM224,LM224A
-25 to 85
LM324,LM324A
0 to 70
Operating free-air temperature range, TA
LM2902,LM2902Q
-40 to 125
℃
Storage temperature range
-65 to 150
-65 to 150
℃
Case temperature for 60 seconds
FK package
260
℃
Lead temperature1,6mm (1/16 inch) from case for 60 seconds
J or W package
300
300
℃
Lead temperature1,6mm (1/16 inch) from case for 10 seconds
D,DB,N, or PW package
260
260
℃
†Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum –rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and Vcc specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN + with respect to IN -.
3. Short circuits from outputs to Vcc can cause excessive heating and eventual destruction.
DISSIPATION RATING TABLE
PACKAGE
TA≤25℃
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA=70℃
POWER RATING
TA=85℃
POWER RATING
TA=125℃
POWER RATING
D
900mW
7.6 mW/℃
32℃
611mW
497 mW
N/A
DB
775mW
6.2mW/℃
25℃
496mW
403 mW
N/A
FK
900mW
11.0mW/℃
68℃
878mW
713 mW
273 mW
J(LM124_)
900mW
11.0mW/℃
68℃
878mW
713 mW
273 mW
J(all others)
900mW
8.2mW/℃
40℃
654mW
531 mW
N/A
N
900mW
9.2mW/℃
52℃
734mW
596 mW
N/A
PW
700mW
5.6mW/℃
25℃
448mW
364 mW
N/A
W
900mW
8.0mW/℃
37℃
636mW
516 mW
196 mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com