Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM124
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM124 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM124 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LM124,LM124A,LM224,LM224A
LM324,LM324A,LM324Y,LM2902,LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E-SEPTEMBER 1975-REVISED FEBRUARY1997
www.artschip.com
7
Electrical characteristics, Vcc=5V, TA=25℃ (unless otherwise noted)
LM324Y
PARAMTER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
3
7
mV
IIO
Input offset current
2
50
nA
IIB
Input bias current
Vcc=5V to MAX, VIC=VICRmin, Vo=1.4V
-20
-250
nA
VICR Common-mode input voltage
range
Vcc=5V to MAX
0 to
Vcc-1.5
V
VOH High-level output voltage
RL=10kΩ
Vcc-1.5
V
VOL Low-level output voltage
RL≤10kΩ
5
20
mV
AVD Large-signal differential
Voltage amplification
Vcc=15V, Vo=1V to 11V, RL≥2kΩ
15
100
V/mV
CMRR Common-mode rejection ratio
VIC=VICRmin
65
80
dB
kSVR Supply-voltage rejection ratio
(ΔVcc ±/ΔVIO)
65
100
dB
Vcc=15V,
VID =1V,
Vo=0
-20
-30
-60
Vcc=15V,
VID=-1V,
Vo=15V
10
20
Io
Output current
VID=1V,
Vo=200mV
12
30
mA
Ios
Short-circuit output current
Vcc at 5V,
GND at -5V,
Vo=0
±40
±60
mA
Vo=2.5Vcc,
No load
0.7
1.2
Icc
Supply current (four amplifiers)
Vcc=Max,
Vo=0.5Vcc,
No load
1.1
3
mA
†All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified.
MAX Vcc for testing purposes is 30V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com