Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3 Datasheet(PDF) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3
Description  16 PIN Remote Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3 Datasheet(HTML) 6 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC3 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3 系列(文件编号:S&CIC0955)
16 PIN 遥控器 IC
第 6 页 共 19 页
 SC36122-1
1) 按键码如下表所示:
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K2
1C
K3
17
10
K4
0D
0E
0F
K5
1D
1E
1F
04
K6
05
06
07
5D
12
K7
14
0B
11
5E
08
09
K8
16
1B
1A
18
15
0C
5C
K9
13
40
41
42
43
44
45
46
K10
00
01
02
03
0A
47
48
49
4A
K11
4B
4C
4D
4E
4F
50
51
52
53
54
GND
55
56
57
58
59
5A
5B
5F
19
21
22
2) 用户码如下表所示:
编号
0 号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8 号
9 号
10 号
CS 脚
接至
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
用户码
AF50
AC53
BF40
C738
FB04
E718
000A
EF10
FF00
FE00
FC01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com