Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3 Datasheet(PDF) 14 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3
Description  16 PIN Remote Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3 Datasheet(HTML) 14 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC3 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 16Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 17Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 18Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3 系列(文件编号:S&CIC0955)
16 PIN 遥控器 IC
第 14 页 共 19 页
 SC36122-11
1) 按键码如下表所示:
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K2
1C
K3
41
40
K4
0D
0E
0F
K5
1D
1E
1F
42
K6
0C
46
45
44
43
K7
00
08
10
18
20
28
K8
01
09
11
19
21
29
2C
K9
02
0A
12
1A
22
2A
2D
47
K10
03
0B
13
1B
23
2B
2E
48
49
K11
04
06
14
16
24
26
2F
4A
4B
4C
GND
05
07
15
17
25
27
4D
4E
4F
32
33
2) 用户码如下表所示:
编号
0 号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8 号
9 号
10 号
CS 脚
接至
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
用户码
1DCC
4743
5DA0
7748
2487
5E87
7586
5000
7780
7B04
CF00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com