Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBA02A-C Datasheet(PDF) 16 Page - Generalplus Technology Inc.

Part # GPBA02A-C
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A-C Datasheet(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPBA02A-C Datasheet HTML 12Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 15Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 16Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 17Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 18Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 19Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 20Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
16
JAN. 06, 2011
Version: 1.6
PAD
VSSIO
ATTx=0
BUFx= 0
DIRx
DIRx= 1, NMOS output 0
DIRx= 0, flloating
DATx
Open drain PMOS output:
As shown in the above I/O Cell Configuration table and Control
Registers table, each I/O port can be set as open drain NMOS
output port independently. If PA/B/Cx is expected to be set as
open drain PMOS output port, the corresponding Bx of
00H/01H/02H (BUFA/B/C) should be cleared as 0, and
08H/09H/0AH (ATTA/B/C) should be set as1. If the host write 1
to the corresponding Bx of 04H/05H/06H (DIRA/B/C), the PA/B/Cx
is an open drain PMOS output, and if host write 0 to the
corresponding Bx of 04H/05H/06H (DIRA/B/C), the PA/B/Cx is
floating. In this case, the register DIRx acts as the output data
buffer register. And it is a normal open drain PMOS output port.
PAD
VDDIO
ATTx=1
BUFx= 0
DIRx
DIRx= 0, floating
DIRx= 1, PMOS output 1
DATx
Dynamic pull low input:
As shown in the above I/O Cell Configuration table and Control
Registers table, each I/O port can be set as dynamic Input with
pull low resistor port independently. If PA/B/Cx is expected to
set as dynamic Input with pull low resistor port, the corresponding
Bx of 04H/05H/06H (DIRA/B/C) and 08H/09H/0AH (ATTA/B/C)
both should be cleared as 0.
If the corresponding Bx of
00H/01H/02H (BUFA/B/C) is set as 1, the PA/B/Cx is set as input
with pull low resistor port, and else if the corresponding Bx of
00H/01H/02H (BUFA/B/C) is cleared as 0, the PA/B/Cx is set as
input with high Z port.
PAD
ATTx= 0
DIRx= 0
BUFx
VSSIO
BUFx= 0 input with high Z
BUFx= 1 input with pull low R
DATx
Dynamic pull high input:
As is shown in the above I/O Cell Configuration table and Control
Registers table, each I/O port can be set as dynamic Input with
pull high resistor port independently. If PA/B/Cx is expected to
set as dynamic Input with pull high resistor port, the corresponding
Bx of 04H/05H/06H (DIRA/B/C) should be cleared as 0. And the
corresponding Bx of 08H/09H/0AH (ATTA/B/C) should be set as1.
If the corresponding Bx of 00H/01H/02H (BUFA/B/C) is set as1,
the PA/B/Cx is set as input with pull high resistor port, and else if
the corresponding Bx of 00H/01H/02H (BUFA/B/C) is cleared as 0,
the PA/B/Cx is set as input with high Z port.
PAD
ATTx= 1
DIRx= 0
BUFx
VDDIO
BUFx= 0 input floating
BUFx= 1 input with pull high R
DATx
Note:
Also, there are some other I/O register status combinations that can
archive other IO functions, such as wired OR and wired AND functions.
Users can use these functions dexterously.
5.4.3. Special Functions
Register Speed up AND function:
The content of ATTA/B/C, BUFA/B/C and DIRA/B/C can be speed
up AND with any data by executing a special write instruction.
According to the command data frame, when user writes data into
register address of 1xH (B5-4 of command is 01), the writing data
will be AND with the current data of this register and then be load
in the exact register again. While executing AND instruction, the
I/O extender reads the primary value of the register. This speed
up AND operation only spends the host a write command cycle.
It is a very useful function for I/Os’ real time control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com