Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBA02A-C Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPBA02A-C
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A-C Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPBA02A-C Datasheet HTML 3Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 4Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 5Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 6Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 7Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 8Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 9Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 10Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
7
JAN. 06, 2011
Version: 1.6
5. FUNCTIONAL DESCRIPTIONS
The I/O extender provides 24 I/O ports. Which are divided into
three groups: Port A, Port B and Port C. These I/O ports can be
configured as normal I/O ports.
Also, each port has
programmable pull high/low input and open drain output function.
The device is optimal for various fields such industrial and
commercial applications.
5.1. SPI
The SPI supports full-duplex synchronous transfer between a
Master device and a Slave device.
GPBA02A only supports
Slave Modes for SPI transfer (MODE 0).
5.1.1. SPI Serial Interface
Micro-Controller
HOST:
IO_Extender
SLAVE:
DATA IN(MISO)
DATA OUT(MOSI)
Serial clock(SCK)
Chip select(CSB)
MOSI
MISO
SCK
CSB
MOSI
MISO
SCK
CSB
(Device=0)
(Device=1)
As shown in the above diagram, the host can connect to two I/O
extenders.
The device selecting bit is controlled by software
command from the host. If the corresponding bit (B6) of the
command is set as 0, the apparatus signed with Device=0 will
selected. And else, if the corresponding bit (B6) of the command
is set as 1, the apparatus signed with Device=1 will selected.
The I/O extender has separated pins designated for data
transmission (MISO) and reception (MOSI). When the device is
selected and the CSB pin is low, data and command are able to
be transmitted via MOSI and MISO pins. And when the device is
not selected or the CSB pin is not low, data will not be accepted
via MOSI pin, and the serial output pin (MISO) will remain in high
impedance state. The serial clock pin (SCK) of I/O extender is
always set as an input; the I/O extender always operates as a
slave.
5.1.2. Data Frame Description
When the host writes data into I/O extender registers, one writing
data frame will form 16 bits data. The first 8 bits are command
data, and the following 8 bits data will be written into register.
The host sends command and value from MSB to LSB via MOSI
pin. During write operation cycles, the MISO pin keeps in high
impedance status.
When the host reads data from I/O extender registers or I/O ports,
the read command byte will first be sent to I/O extender from MSB
to LSB via MOSI pin during the first 8 SCK clock cycles. And the
value byte read from corresponding register will be sent to host via
MISO pin during the following 8 SCK clock cycles from MSB to
LSB.
HOST writes data to register:
MOSI
COMMAND
DATAIN
MISO
Z
Z
HOST reads data from register:
MOSI
COMMAND
X
MISO
Z
DATAOUT
5.1.3. Command List
Command
B7(MSB)
B6
B5
B4
B3
B2
B1 B0
Write register
1
1*
Register address
Read register
0
1*
Register address
Reset
FFH
No response
others
Note:
1* is optional and user can choice device 1 or 0 (two device) in one
SPI interface with bonding option PAD (DEVICE).
As shown in the command list, the read or write command
consists of 8 bits data. The highest bit B7 represents reading or
writing.
When this bit is low, the command executes a read
instruction. On the contrary, when this bit is high, the command
executes a write instruction.
The bit B6 is used for device
selecting and the value depends on the bonding option bit. This
option bit should be configured as low or high by users in advance.
When DEVICE pin is floating, the value of B0 will be defaulted as
0. If the value of B6 is the same as the option bit, this I/O
extender is selected, and this command will be executed.
Otherwise, this I/O extender will not respond. The content of
B5-0 is used for register address.
The reading or writing
command is executed for the register with this address.
In
addition, if the B7-0 of the command is equal to FFH, all those
built-in registers will be reset to the initial values. This software
command and power-on reset can make all the registers to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com