Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC202F Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC202F Datasheet HTML 6Page - Semtech Corporation SC202F Datasheet HTML 7Page - Semtech Corporation SC202F Datasheet HTML 8Page - Semtech Corporation SC202F Datasheet HTML 9Page - Semtech Corporation SC202F Datasheet HTML 10Page - Semtech Corporation SC202F Datasheet HTML 11Page - Semtech Corporation SC202F Datasheet HTML 12Page - Semtech Corporation SC202F Datasheet HTML 13Page - Semtech Corporation SC202F Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SC202F
10
General Description
The SC202F is a synchronous step-down PWM (Pulse
Width Modulated) DC-DC regulator utilizing a 3.5MHz
fixed-frequency voltage-mode architecture and an inter-
nal 1μH inductor. The device is designed to operate in
fixed-frequency PWM mode. Two capacitors are the only
external components required — one for input decou-
pling and one for output filtering. The output voltage is
programmable, eliminating the need for external pro-
gramming resistors. Loop compensation is also internal,
eliminating the need for external components to control
stability.
Programmable Output Voltage
The SC202F has 15 fixed output voltage levels which can
be individually selected by programming the CTL control
pins (CTL3-0 — see Table 1 on page 2 for settings). The
device is disabled whenever all four CTL pins are pulled
low and enabled whenever at least one of the CTL pins is
pulled high. This configuration eliminates the need for a
dedicated enable pin. Each CTL pin is internally pulled
down via 1MΩ if V
IN
is below 1.5V or if the voltage on the
control pin is below the input high voltage. This ensures
that the output is disabled when power is applied if there
are no inputs to the CTL pins. Each weak pull-down is dis-
abled whenever its pin is pulled high and remains disabled
until all CTL pins are pulled low.
The output voltage can be set using different approaches.
If a static output voltage is required, the CTL pins can be
tied to either IN or GND to set the desired voltage when-
ever power is applied at IN. If enable control is required,
each CTL pin can be tied to either GND or to a micropro-
cessor I/O line to create the desired control code whenever
the control signal is forced high. This approach is equiva-
lent to using the CTL pins collectively as a single enable
pin. A third option is to connect each of the four CTL pins
to individual microprocessor I/O lines. Any of the 15
output voltages can be programmed using this approach.
If only two output voltages are needed, the CTL pins can
be combined in a way that will reduce the number of I/O
lines to 1, 2, or 3, depending on the control code for each
desired voltage. Other CTL pins could be hard-wired to
GND or IN. This option allows dynamic voltage adjust-
ment for systems that reduce the supply voltage when
entering sleep states. Note that applying all zeros to the
CTL pins when changing the output voltage will tempo-
rarily disable the device, so it is important to avoid this
combination when dynamically changing levels.
Adjustable Output Voltage Selection
If an output voltage other than one of the 15 program-
mable settings is needed, an external resistor divider
network can be added to the SC202F to adjust the output
voltage setting. This network scales the output based on
the resistor ratio and the programmed output setting.
The resistor values can be determined using the
equation
1
FB
SNS
2
FB
2
FB
1
FB
SET
OUT
R
I
R
R
R
V
V
where V
OUT
is the desired output voltage, V
SET
is the voltage
setting selected by the CTL pins, R
FB1
is the resistor
between the output capacitor and the SNS pin, R
FB2
is the
resistor between the SNS pin and ground, and I
SNS
is the
leakage current into the SNS pin during normal opera-
tion. The current into the SNS pin is typically 1μA, so the
last term of the equation can be neglected if the current
through R
FB2
is much larger than 1μA. Selecting a resistor
value of 10kΩ or lower will simplify the design. If I
SNS
is
neglected and R
FB2
is fixed, R
FB1
can be determined using
the equation
SET
SET
OUT
2
FB
1
FB
V
V
V
R
R
Inserting resistance in the feedback loop will adversely
affect the system’s transient performance if feed-forward
capacitance is not included in the circuit. The circuit in
Figure 1 illustrates how the resistor divider and feed-
forward capacitor can be added to the SC202F schematic.
The value of feed-forward capacitance needed can be
determined using the equation
5
.
0
V
V
V
R
5
.
0
V
V
10
4
C
SET
SET
OUT
1
FB
2
OUT
SET
6
FF
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com