Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC202F Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC202F Datasheet HTML 9Page - Semtech Corporation SC202F Datasheet HTML 10Page - Semtech Corporation SC202F Datasheet HTML 11Page - Semtech Corporation SC202F Datasheet HTML 12Page - Semtech Corporation SC202F Datasheet HTML 13Page - Semtech Corporation SC202F Datasheet HTML 14Page - Semtech Corporation SC202F Datasheet HTML 15Page - Semtech Corporation SC202F Datasheet HTML 16Page - Semtech Corporation SC202F Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SC202F
14
Applications Information (continued)
(connected to the SNS pin) away from the LX node
as shown in Figure 2 to minimize noise and magnetic
interference.
Minimize the resistance from the OUT and GND pins
to the load. This will reduce errors in DC regulation
due to voltage drops in the traces.
The two smaller exposed pads on this package should
not be connected to any traces. The area beneath
these two pads must be kept clear so that they do
not make electrical contact with any traces, including
ground.
5.
6.
3.5m m
C IN
CT L0
CT L1
CT L3
LX
(no
connection
needed)
SN S
GND
IN
OUT
3.8m m
S C 202F
be electrically
connected to the P C B .
C OUT
Figure 2 — Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com