Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3203EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC3203EVB
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC3203EVB Datasheet HTML 1Page - Semtech Corporation SC3203EVB Datasheet HTML 2Page - Semtech Corporation SC3203EVB Datasheet HTML 3Page - Semtech Corporation SC3203EVB Datasheet HTML 4Page - Semtech Corporation SC3203EVB Datasheet HTML 5Page - Semtech Corporation SC3203EVB Datasheet HTML 6Page - Semtech Corporation SC3203EVB Datasheet HTML 7Page - Semtech Corporation SC3203EVB Datasheet HTML 8Page - Semtech Corporation SC3203EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SC3203
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Boost Switch
BST Switch On-Resistance
BYP = 5V
12
Ω
Internal Power mosfets
Current Limit
Inductor Valley Current Limit, LDO=5V
3.0
3.75
4.5
A
High Side LX Leakage Current
VIN=16V, LX=0V, High Side mosfet off
1
5
µA
Switch Resistance
High Side
100
mΩ
Low Side
65
Note:
(1) See Applications Information for a description of the EN input operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com