Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3203EVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC3203EVB
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203EVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC3203EVB Datasheet HTML 2Page - Semtech Corporation SC3203EVB Datasheet HTML 3Page - Semtech Corporation SC3203EVB Datasheet HTML 4Page - Semtech Corporation SC3203EVB Datasheet HTML 5Page - Semtech Corporation SC3203EVB Datasheet HTML 6Page - Semtech Corporation SC3203EVB Datasheet HTML 7Page - Semtech Corporation SC3203EVB Datasheet HTML 8Page - Semtech Corporation SC3203EVB Datasheet HTML 9Page - Semtech Corporation SC3203EVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SC3203
6
Detailed Application Circuit
EN
VIN
PG O O D
BYP
LX
BST
VOUT
Enable
VIN
VFB
RPGOOD
L
RTOP
RBOT
PAD
AG ND
1µ
PG O O D
Vext
SC3203
10nF
COUT
VOUT @ 3A
CTOP
CIN
49.9Ω
V
OUT (V)
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V
L (µH)
2.2
4.7
C
OUT (µF)
2x22uF X5R, 0805 case, 10V
2x10uF X5R, 0805 case, 10V
R
TOP (kΩ)
39.2
66.5
31.6
30.1
24.3
20.5
19.6
16.5
26.1
R
BOT (kΩ)
200
200
69.8
51.1
24.9
15
8.66
4.99
4.75
C
TOP (pF)
22
18
27
33
39
47
68
82
82
Component Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com