Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPRS512C Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPRS512C
Description  512K-Bit Serial RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPRS512C Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPRS512C Datasheet HTML 5Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 6Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 7Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 8Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 9Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 10Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 11Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 12Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 13Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
GPRS512C
© Generalplus Technology Inc.
Proprietary & Confidential
13
DEC. 25, 2009
Version: 1.2
9. REVISION HISTORY
Date
Revision #
Description
Page
DEC. 25, 2009
1.2
Modify 5.3. AC Characteristics.
6
AUG. 20, 2007
1.1
1. Add the PIN Configuration in section 4.1.
2. Modify the “Ordering Information” in section 7.2.
3. Add the “Package Information” in section 7.3.
4
9
10
JAN. 08, 2007
1.0
Original
Note: The GPRS512C data sheet v1.0 is a continued version of SPRS512C data sheet v1.3.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com