Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPRS512C Datasheet(PDF) 2 Page - Generalplus Technology Inc.

Part # GPRS512C
Description  512K-Bit Serial RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPRS512C Datasheet(HTML) 2 Page - Generalplus Technology Inc.

  GPRS512C Datasheet HTML 1Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 2Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 3Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 4Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 5Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 6Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 7Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 8Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
GPRS512C
© Generalplus Technology Inc.
Proprietary & Confidential
2
DEC. 25, 2009
Version: 1.2
Table of Contents
PAGE
1. GENERAL DESCRIPTION .......................................................................................................................................................................... 3
2. FEATURES.................................................................................................................................................................................................. 3
3. BLOCK DIAGRAM ...................................................................................................................................................................................... 3
4. SIGNAL DESCRIPTIONS............................................................................................................................................................................ 4
4.1. PIN CONFIGURATION ............................................................................................................................................................................. 4
4.2. PAD ASSIGNMENT ................................................................................................................................................................................. 5
5. ELECTRICAL SPECIFICATIONS ............................................................................................................................................................... 6
5.1. ABSOLUTE MAXIMUM RATINGS ............................................................................................................................................................... 6
5.2. DC CHARACTERISTICS (VDD = 2.4V - 3.6V, TA = 0℃ TO 70℃) .............................................................................................................. 6
5.3. AC CHARACTERISTICS (VDD = 2.4V - 3.6V, TA = 0℃ TO 70℃) .............................................................................................................. 6
5.4. TIMING DIAGRAM ................................................................................................................................................................................... 7
5.4.1. Serial Interface.......................................................................................................................................................................... 7
5.4.2. Successive Operation ............................................................................................................................................................... 7
6. APPLICATION CIRCUITS ........................................................................................................................................................................... 8
6.1. APPLICATION CIRCUIT - (1) ..................................................................................................................................................................... 8
6.2. APPLICATION CIRCUIT - (2) ..................................................................................................................................................................... 9
7. PACKAGE/PAD LOCATIONS ................................................................................................................................................................... 10
7.1. ORDERING INFORMATION ..................................................................................................................................................................... 10
7.2. PACKAGE INFORMATION ........................................................................................................................................................................11
8. DISCLAIMER............................................................................................................................................................................................. 12
9. REVISION HISTORY ................................................................................................................................................................................. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com