Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555D Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # SA555D
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

SA555D Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  SA555D Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
3
Recommended operating conditions
MIN
MAX
UNIT
SA555,NE555
4.5
16
Vcc
Supply voltage
SE555
4.5
18
V
VI
Input voltage (CONT, RESET, THRES, and TRIG)
VCC
V
IO
Output Current
±200
mA
NE555
0
70
SA555
-40
85
TA
Operating free-air temperature
SE555
-55
125
℃
Electrical characteristics, Vcc = 5V to 15V, TA=25℃ (unless otherwise noted)
SE555
NE555
SA555
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Vcc=15V
9.4
10
10.6
8.8
10
11.2
THRES voltage level
Vcc=5V
2.7
3.3
4
2.4
3.3
4.2
V
THRES current (see Note 6)
30
250
30
250
nA
4.8
5
5.2
4.5
5
5.6
Vcc=15V
TA=-55℃ to 125℃
3
6
1.45 1.67
1.9
1.1
1.67
2.2
TRIG voltage level
Vcc=5V
TA=-55℃ to 125℃
1.9
V
TRIG current
TRIG at 0V
0.5
0.9
0.5
2
µA
0.3
0.7
1
0.3
0.7
1
RESET voltage level
TA=-55℃ to 125℃
1.1
V
RESET at Vcc
0.1
0.4
0.1
0.4
RESET current
RESET at 0V
-0.4
-1
-0.4
-1.5
mA
DISCH switch off-state current
20
100
20
100
nA
9.6
10
10.4
9
10
11
Vcc=15V
TA=-55℃ to 125℃
9.6
10.4
2.9
3.3
3.8
CONT voltage (open circuit)
Vcc=5V
TA=-55℃ to 125℃
2.9
3.8
2.6
3.3
4
V
0.1
0.15
0.1
0.15
Vcc=15V,
IOL=10mA
TA=-55℃ to 125℃
0.2
0.4
0.5
0.4
0.75
Vcc=15V,
IOL=50mA
TA=-55℃ to 125℃
1
2
2.2
2
2.5
Vcc=15V,
IOL=100mA
TA=-55℃ to 125℃
2.7
Vcc=15V, IOL=200mA
2.5
2.5
Vcc=5V,
IOL=3.5mA
TA=-55℃ to 125℃
0.35
0.1
0.2
0.1
0.35
Vcc=5V,
IOL=5mA
TA=-55℃ to 125℃
0.8
Low-level output voltage
Vcc=5V,
IOL=8mA
0.15 0.25
0.15
0.4
V
13
13.3
12.75 13.3
Vcc=15V
IOH=-100mA
TA=-55℃ to 125℃
12
Vcc=15V
IOH=-100mA
12.5
12.5
3
3.3
2.75
3.3
High-level output voltage
Vcc=15V
IOH=-100mA
TA=-55℃ to 125℃
2
V
Vcc=15V
10
12
10
15
Output low,
No load
Vcc=5V
3
5
3
6
Vcc=15V
9
10
9
13
Supply Current
Output high
No load
Vcc=5V
2
4
2
5
mA
NOTE 6:
This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example,
when Vcc=5V, the maximum Value is R=RA+RB ≈3.4MΩ, and for Vcc=15V, the maximum value is 10MΩ。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com