Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555D Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # SA555D
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

SA555D Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button SA555D Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555D Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
7
APPLICATION INFORMATION
Astable operation
As shown in Figure 12, adding a second resistor, RB, to the circuit of Figure 9 and connecting the trigger input to the threshold
input causes the timer to self-trigger and run as a multivibrator. The capacitor C charges through RA and RB and then discharges
through RB only. Therefore, the duty cycle is controlled by the values of RA and RB.
This astable connection results in capacitor C charging and discharging between the threshold-Voltage level (≈0.67 x Vcc) and the
trigger-voltage level (≈0.33 x Vcc). As in the monostable circuit, charge and discharge times (and, therefore, the frequency and
duty cycle) are independent of the supply voltage.
Pin numbers shown are for the D, JG, P, PS, and PW packages.
Note A: Decoupling CONT voltage to ground with a capacitor
can improve operation. This should be evaluated for individual
applications.
Figure 12. Circuit for Astable Operation
Time – 0.5ms/div
Figure 13.
Typical Astable Waveforms
Astable Operation (Continued)
Figure 13 shows typical waveforms generated during astable operation. The output high-level duration tH and low-level duration tL
can be calculated as follows:
tH=0.693 (RA+RB)C
tL=0.693 (RB)C
Other useful relationships are shown below.
Period = tH+ tL =0.693 (RA + 2RB) C
Frequency ≈ 1.44/ (RA + 2RB) C
Output driver duty cycle = tL / (tH + tL)=RB / (RA + 2RB)
Output waveform duty cycle
=tH /( tH + tL) = 1- RB / (RA + 2RB)
Low – to – high ratio = tL /tH =RB / (RA + RB)
C – Capacitance -µF
Figure 14. Free-Running Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com