Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4525F Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4525F
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525F Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4525F Datasheet HTML 2Page - Semtech Corporation SC4525F Datasheet HTML 3Page - Semtech Corporation SC4525F Datasheet HTML 4Page - Semtech Corporation SC4525F Datasheet HTML 5Page - Semtech Corporation SC4525F Datasheet HTML 6Page - Semtech Corporation SC4525F Datasheet HTML 7Page - Semtech Corporation SC4525F Datasheet HTML 8Page - Semtech Corporation SC4525F Datasheet HTML 9Page - Semtech Corporation SC4525F Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SC4525F
6
Block Diagram
IN
2
RO SC
3
TRANSISTO R
R
Q
S
PO W ER
SLO PE
CO M P
+
-
ISEN
ILIM
+
-
18m V
+
+
S
BST
REFERENCE
& THERM AL
SHUTDO W N
1V
FAULT
SO FT-START
AND
O VERLO AD
HICCUP
CO NTRO L
1.9V
R
8
SW
1
FB
7
SS/EN
5
CO M P
6
O SCILLATO R
CLK
EA
PW M
+
-
+
1.2V
-
FREQ UENCY
FO LDBACK
G ND
4
+
+
-
R
O C
A1
V1
3.53m W
IN
2
RO SC
3
TRANSISTO R
R
Q
S
PO W ER
SLO PE
CO M P
+
-
ISEN
ILIM
+
-
18m V
+
+
S
BST
REFERENCE
& THERM AL
SHUTDO W N
1V
FAULT
SO FT-START
AND
O VERLO AD
HICCUP
CO NTRO L
1.9V
R
8
SW
1
FB
7
SS/EN
5
CO M P
6
O SCILLATO R
CLK
EA
PW M
+
-
+
1.2V
-
FREQ UENCY
FO LDBACK
G ND
4
+
+
-
R
O C
A1
V1
3.53m W
FAULT
SS/EN
O VERLO AD
1V/2.15V
S
Q
R
+
2.4mA
3.9 mA
1.9V
-
S
R
O C
PW M
B1
B2
B3
B4
I C
I D
Q
_
FAULT
SS/EN
O VERLO AD
1V/2.15V
S
Q
R
+
2.4mA
3.9 mA
1.9V
-
S
R
O C
PW M
B1
B2
B3
B4
I C
I D
Q
_
Figure 2 — SC4525F Block Diagram
Figure 3 — Soft-start and Overload Hiccup Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com