Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4525FEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4525FEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525FEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4525FEVB Datasheet HTML 14Page - Semtech Corporation SC4525FEVB Datasheet HTML 15Page - Semtech Corporation SC4525FEVB Datasheet HTML 16Page - Semtech Corporation SC4525FEVB Datasheet HTML 17Page - Semtech Corporation SC4525FEVB Datasheet HTML 18Page - Semtech Corporation SC4525FEVB Datasheet HTML 19Page - Semtech Corporation SC4525FEVB Datasheet HTML 20Page - Semtech Corporation SC4525FEVB Datasheet HTML 21Page - Semtech Corporation SC4525FEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SC4525F
8
Recommended Component Parameters in Typical Applications
Table 4 lists the recommended inductance (L
) and compensation network (R7, C5, C8) for common input and output
voltages. The inductance is determined by assuming that the ripple current is 35% of load current I
O. The compensator
parameters are calculated by assuming a 47mF low ESR ceramic output capacitor and a loop gain crossover frequency
of F
SW/0.
Table 4. Recommended inductance (L
1) and compensator (R7, C5, C8)
Table 4: SC4525D Compensator Parameters
Vin(V)
Vo(V)
Io(A)
C2(uF)
L1(uH)
R7(k)
C5(nF)
C8(pF)
R7
1.0
3.3
3.74
6.8
7.15
2.0
2.2
6.49
3.3
12.4
1.5
3.3
3.74
6.8
7.15
2.5
4.7
6.49
4.7
12.4
3.3
4.7
7.5
3.3
68
14.3
1.5
4.7
3.74
6.8
7.15
2.5
6.8
6.98
4.7
13.3
3.3
8.2
8.66
3.3
68
16.5
5
10
11.5
2.2
22.1
7.5
10
18.2
2.2
34.8
82
47
Typical Applications
Recommended Parameters
47
47
3.3
5
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com