Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3362W Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # 3362W
Description  6mm Square Single-Turn Trimmer Potentiometers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

3362W Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  3362W Datasheet HTML 1Page - Vatronics Technologies Limited 3362W Datasheet HTML 2Page - Vatronics Technologies Limited 3362W Datasheet HTML 3Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3362 Trimmer Potentiometers, Potentiometers,Trimmer Potentiometer, Cemet... Potentiometer, Rotary Carbon Potentiometer with Pull-Push Switch, Carbo
•
3362 6mm Square Single-Turn Trimmer Potentiometers
Vatronics makes 3362M,3362P,3362R,3362U,3362W,3362X,
Electrical•Characteristics
Range•of•resistance: 10
Ω—2MΩ•Resistance•tolerance: ±10%
Terminal•resistance
≤2Ω•or•1%R Contact•resistance•variation:
CRV
≤3%R•or•3Ω Insulation•resistance Re≥1GΩ
Withstand•voltage -500Vdc
Effective•electrical•travel:•210+/-10°
Rated
•power: 0.5W•70•)
Vatronics Temperature range: -55•~+125•
TCR: ±100ppm/•;Collision 390m/s²•4000cycles Vibration 10-2000Hz
0.75mm, 6h
∆R≤+/-(3%R+0.1Ω)
Load life at 70• 0.5W, 1000H
∆R≤+/-(3%R+0.1Ω)
Mechanical•endurance
200•cycles
∆R≤3%R•CRV≤3%R Starting•torque ≤36 mNm
Vatronics Mark: Resistance code, resistance
•tolerance(±10% no indication), lot No.
Standard•package 50pcs/tube
Vatronics 3362M DRAWING
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/3362P.htm (1 / 3) [2003-12-16 17:36:35]


Similar Part No. - 3362W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3362W DBLECTRO-3362W Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
logo
Bourns Electronic Solut...
3362W BOURNS-3362W Datasheet
283Kb / 2P
Square Trimpot Trimming Potentiometer Tape and reel packaging available
3362W-1-102LF BOURNS-3362W-1-102LF Datasheet
404Kb / 2P
Featured Products Bulletin
3362W-1-102LF BOURNS-3362W-1-102LF Datasheet
404Kb / 2P
Bourns® Trimmer Design Kits
September 25, 2007
3362W-1-103LF BOURNS-3362W-1-103LF Datasheet
404Kb / 2P
Featured Products Bulletin
More results

Similar Description - 3362W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM31G PANASONIC-EVM31G Datasheet
74Kb / 2P
6mm Size Ceramic Trimmer Potentiometers
EVN-D8AA03B15 PANASONIC-EVN-D8AA03B15 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-D8AA03B13 PANASONIC-EVN-D8AA03B13 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVN-DJAA03B24 PANASONIC-EVN-DJAA03B24 Datasheet
162Kb / 3P
6FE Square Trimmer Potentiometers
logo
Vatronics Technologies ...
3266 VATRONICS-3266 Datasheet
129Kb / 3P
6mm Square Multi-Turn Trimmer Potentiometers
3269 VATRONICS-3269 Datasheet
39Kb / 1P
6mm Square Multi-Turn Trimmer Potentiometers
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com