Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPUSB101A Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPUSB101A Datasheet HTML 1Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 2Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 3Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 4Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 5Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 6Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 7Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 8Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
5
Sep 24, 2014
Version: 1.4
5. SIGNAL DESCRIPTIONS
Pad Name
PIN NO.
LQFP64
PIN NO.
Type
Description
XI
6
6
I
Oscillator crystal input
XO
7
7
O
Oscillator crystal output
V50_REG
2
2
P
Regulator power 5V input
VSS_REG
3
3
G
Regulator power ground input
V33_REG
1
1
P
Regulator power 3.3V output
RESETB
9
9
I
System reset pin (active low)
TEST
8
8
I
TEST Mode selection pin, high is test mode and low is normal mode (Pad internal
pull low)
VDD
10
10
P
Positive power supply for core and IOC (2.4V~3.6V)
VSS
11
11
G
Ground reference for core
AVDD3
4
4
P
Positive power supply for analog circuit
AVSS3
5
5
G
Ground reference for analog circuit
V33_USB
41
45
P
USB power 3.3V input
VSS_USB
38
42
G
USB power ground input
DPLS
40
44
I/O
USB DPLS
DMNS
39
43
I/O
USB DMNS
IOA[7:0]
22-19,
36-33
22-19,
40-37
I/O
bi-directional I/O ports, power source from IOVDD5(2.4V~5.5V)
IOB[7:0]
32-27,
24-23
36,31-27,
24-23,
I/O
bi-directional I/O ports, power source from IOVDD5(2.4V~5.5V)
IOC[3:0]
18-15
18-15
I/O
bi-directional I/O ports, power source from VDD(2.4V~3.6V)
OTPSCK
13
13
I
OTP writer clock input (Pad internal pull low)
OTPSDA
14
14
I/O
OTP writer data input/output (Pad internal pull low)
IOVDD5
25
25
P
IOA and IOB power source input (2.4V~5.5V)
IOVSS5
26
26
G
IOA and IOB power source ground input
OTPPARA
12
12
I
OTP test pin (Pad internal pull low)
VPP
37
41
P
OTP high voltage power supply for programming
Total: 41 Pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com