Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPUSB101A Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 5Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 6Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 7Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 8Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 9Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 10Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 11Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 12Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
9
Sep 24, 2014
Version: 1.4
6.4. Parallel Bus
There is a parallel bus slave side on GPUSB101A. The host IC as a parallel bus master role. Host IC can use GPIO toggle to implement
signals like section 6.4.3. According to host IC GPIOs number. The customer can select 8 bit mode (5 control pin and 8 data pin) or 4 bit
mode (5 control pin and 4 data pin). Besides Para_int is input pin, others control pin are output pin. If the GPUSB101A has request to
host IC. GPUSB101A may issues Parallel_int pin then host IC must polling the status register and knows what request from GPUSB101A.
6.4.1 The description of parallel bus I/O
Pad name
Type
IO
Description
Para_cdb
I
IOA[0]
Parallel bus for command or data transfer (high is command and low is data)
Para_csb
I
IOA[1]
Parallel bus chip enable (active low)
Para_rdb
I
IOA[2]
Parallel bus write enable (active low)
Para_wrb
I
IOA[3]
Parallel bus read enable (active low)
Para_int
O
IOA[4]
Parallel bus interrupt out
Para_data[7:0]
I/O
IOB[7:0]
Parallel bus bi-directional data
6.4.2 The function of parallel bus
Para_cdb
Para_wrb
Para_rdb
Description
1
0
1
Write command register
1
1
0
Read status register
0
0
1
Write data
0
1
0
Read data
Note1: command register is read only bridge IC.
Note2: status register is read only for host IC.
6.4.3 Timing diagram
8 bit mode
Write command
para_csb
para_cdb
para_wrb
para_data[7:0]
command
T1
T2
T3
T4
T6
Read status
para_csb
para_cdb
para_rdb
para_data[7:0]
status
T1
T2
T7
T8
T6
Write data
para_csb
para_cdb
para_wrb
para_data[7:0]
1st data
2nd data
last data
T1
T2
T3
T4
T6
T5
Read data
para_csb
para_cdb
para_rdb
para_data[7:0]
T1
T2
T7
T8
T6
T5
2nd data
last data
1st data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com