Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW33201CSR Datasheet(PDF) 8 Page - Shanghai awinic technology co.,ltd

Part # AW33201CSR
Description  Over-Voltage Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33201CSR Datasheet(HTML) 8 Page - Shanghai awinic technology co.,ltd

Back Button AW33201CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AW33201/AW33205/AW33209
Jan 2018 V1.3
www.awinic.com.cn
8
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL CHARACTERISTICS (CONTINUED)
VIN = 5V, CIN = 0.1
F, COUT = 1F, and TA = 25°C unless otherwise specified.
Figure 8 Normalized Rdson vs. Input Voltage (IOUT = 1A)
Figure 9 Input Supply Current vs. Supply Voltage
Figure 10 Normalized OVP Threshold vs. Temp.
Figure 11 Normalized Debounce Time vs. Temp.
VIN
5V / div
VOUT
5V / div
5ms / div
IOUT
100mA / div
VIN
5V / div
VOUT
5V / div
IOUT
200mA / div
5ms / div
Figure 12 Power-up (COUT =
1F, 100mA load)
Figure 13 Power-up (COUT =
100F, 100mA load)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
Input Voltage(V)
Normalized to VIN=5V
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
Input Voltage (V)
–40°
C
25°
C
85°
C
0.90
0.95
1.00
1.05
1.10
-40
-15
10
35
60
85
Temperature (
°C)
Normalized to TA = 25°
C
0.00
0.50
1.00
1.50
2.00
-40
-15
10
35
60
85
Temperature (
°C)
Normalized to TA = 25°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com