Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW33201CSR Datasheet(PDF) 10 Page - Shanghai awinic technology co.,ltd

Part # AW33201CSR
Description  Over-Voltage Protection Load Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33201CSR Datasheet(HTML) 10 Page - Shanghai awinic technology co.,ltd

Back Button AW33201CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW33201CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AW33201/AW33205/AW33209
Jan 2018 V1.3
www.awinic.com.cn
10
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
FUNCTIONAL DESCRIPTION
Device Operation
If the input voltage is between UVLO and OVP threshold, the internal charge pump begins to work after
debounce time, the gate of the nFET switch will be slowly charged high till the switch is fully on. If the input
voltage exceeds the OVP trip level, the switch will be turned off in about 100ns. If input voltage falls below UVLO
threshold, or over-temperature happens, the switch will also be turned off.
Over-Voltage Protection
If the input voltage exceeds the OVP rising trip level, the switch will be turned off in about 100ns. The switch will
remain off until VIN falls below the OVP falling trip level.
USB On-The-Go (OTG) Operation
If VIN = 0V and OUT is supplied by OTG voltage, the body diode of the load switch conducts current from OUT
to IN and the voltage drop from OUT to IN is approximately 0.7V. When VIN > VIN_UVLO, internal charge pump
begins to open the load switch after debounce time. After switch is fully on, current is supplied through switch
channel and the voltage drop from OUT to IN is minimum.
PCB LAYOUT CONSIDERATION
To make fully use of the performance of AW332XX, the guidelines below should be followed.
1. All the peripherals should be placed as close to the device as possible. Place the input capacitor CIN on the
top layer (same layer as the AW332XX) and close to IN pin, and place the output capacitor COUT on the top layer
(same layer as the AW332XX) and close to OUT pin.
2. IN pin routing passes through the external TVS firstly, and then connect AW332XX.
3. Red bold paths on figure 4 and 5 are power lines that will flow large current, please route them on PCB as
straight, wide and short as possible.
4. The power trace from USB connector to AW332XX may suffer from ESD event, keep other traces away from
it to minimize possible EMI and ESD coupling.
5. Use rounded corners on the power trace from USB connector to AW332XX to decrease EMI coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com