Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM512 Datasheet(PDF) 5 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM512
Description  Bluetooth Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM512 Datasheet(HTML) 5 Page - BUDDIES TECHNOLOGY LIMITED.

  BTM512 Datasheet HTML 1Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 2Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 3Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 4Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 5Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
http://www.buddies-tech.com
BTM512 DATASHEET
5
1.2 Features
Small overall dimension(11.938mm x 23.241mm x 2mm)
Bluetooth Specification V2.1
Class 2 and Class 3 support
Physical connection as SMD type
DSP Co-Processor 16-bit Internal Stereo CODEC with -95dB SNR for DAC.
High quality stereo audio (sample rate up to 44.1KHz)
Supports A2DP Codecs: SBC(mandatory); MPEG-1,2 Audio / MPEG-2,4
AAC / ATRAC family / APTX (optional)
Built-in RF combo filter, Integrated 26M Crystal.
Supports up to 8 Mbits/16 Mbits on module flash memory.
Support DFU for firmware upgrade.
Support DUN for internet access.
Support active inquire BT device and pairing.
Support HSP, HFP, A2DP, AVRCP, OPP, SPP, PBAP, SYNC, PB-Sync for
Nokia, PB-Sync For Samsung profile.
Support active inquire BT device and pairing.
Support customizable PIN code and device name.
Support pairing up to 8 Bluetooth
® device.
Compatible with CSR cVc software echo cancellation solution.
No radio signal interference, support for 802.11 co-existence
Some features are optional for customization on demand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com