Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM512 Datasheet(PDF) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM512
Description  Bluetooth Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM512 Datasheet(HTML) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM512 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM512 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
http://www.buddies-tech.com
BTM512 DATASHEET
10
17
GND
Ground
Ground
18
RF_IO
Analogue
Transceiver input/output line
19
GND
Ground
Ground
20
AIO_0
Bi-directional
Analogue Programmable input/output line
21
AIO_1
Bi-directional
Analogue Programmable input/output line
22
AGND
Analogue Ground
Analogue Ground
23
MIC_A_P Analogue
Microphone input positive
24
MIC_A_N Analogue
Microphone input negative
25
SPK_A_N Analogue
Speaker output negative (left side)
26
SPK_A_P Analogue
Speaker output positive (left side)
27
SPK_B_N Analogue
Speaker output negative (right side)
28
SPK_B_P Analogue
Speaker output positive (right side)
29
+1V8
3.3v power output
3.3v power output
30
+3V3
3.3v power input
3.3v power input
31
USB_DP Bi-directional
USB data plus, pull up 1.5K when active
32
USB_DN Bi-directional
USB data minus
33
GND
Ground
Ground
34
NC
NC
NC
35
GND
Ground
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com