Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS70310 Datasheet(PDF) 26 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 26 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems ACS70310 Datasheet HTML 23Page - Allegro MicroSystems ACS70310 Datasheet HTML 24Page - Allegro MicroSystems ACS70310 Datasheet HTML 25Page - Allegro MicroSystems ACS70310 Datasheet HTML 26Page - Allegro MicroSystems ACS70310 Datasheet HTML 27Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
26
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 24: Package KT, 4-Pin SIP, TG Leadform
NOTES:
1) LEAD TRIM AND FORMING OPERATIONS PERFORMED ON
ALLEGRO SUPPLIED MATERIAL.
2) FOR DIMENSIONS AND TOLERANCING ON SUPPLIED
DEVICES, REFER TO ALLEGRO DWG-9202.
3) TRUE POSITION AND PROFILE TOLERANCE APPLIES ALONG
EACH LEAD IN A ZONE STARTING FROM THE LEAD TIP AND
ENDING NO MORE THAN 10 mm IN FROM THE TIP.
METRIC TOLERANCES
X
± 10%
X.X
± 0.25
X.XX
± 0.10
X.XXX ± 0.025
ANGULAR ± 0.5°
ALL SURFACES TO BE 32 µin
(0.80 µm) OR BETTER
BREAK ALL SHARP EDGES 0.015"
× 0.015" (0.4 mm × 0.4 mm)
HOLD ALL DIMS AFTER
PLATING
REFERENCE DWG-0000622
PIN 1
ACTIVE
SURFACE
91.3° ± 1.3°
91.3° ± 1.3°
2.30
2×
2.30
2×
0.4
B
//
0.2 CZ
B
PINS 1,4
0.4
B
//
0.15 CZ
B
PINS 2,3
4.3
4.1
3.81
1.27
2.54
ZERO POINT FOR
LEAD TIP POSITION
MEASUREMENT
PIN 1
PIN 2
PIN 4
PIN 3
0.4
A
B
4 LEAD TIPS
A
DATUM TARGETS
SCALE 10 : 1
(5.2)
C
A1
A3
0.6
0.6
PIN 1
2.54
1.7
2.3
A2
B1
B2
C1
C2
B
0.762
5.2
0.508
4.7
PCB LAYOUT REFERENCE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com