Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062C Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # TL062C
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TL062C Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TL062C Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL062; TL062A-TL062B
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
www.artschip.com
4
ELECTRICAL CHARACTERISTICS
Vcc=±15V, Tamb=+25℃ (unless otherwise specified)
TL062AC,AI,AM
TL062BC,BI,BM
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs=50Ω)
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
3
6
7.5
2
3
5
mV
DVio
Temperature Coefficient of Input Offset
Voltage (Rs=50Ω)
10
10
µV/℃
Iio
Input Offset Current – note
1)
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
5
100
3
5
100
3
pA
nA
Iib
Input Bias Current – note 1
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
30
200
7
30
200
7
nA
Vicm
Input Common Mode Voltage Range
±11.5
+15
-12
±11.5
+15
-12
V
Vopp
Output Voltage Swing (RL=10kΩ)
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
20
20
27
20
20
27
V
Avd
Large Signal Voltage Gain
RL=10KΩ, Vo=±10V
Tamb=25℃
Tmin ≤ Tamb ≤Tmax
4
4
6
4
4
6
V/mV
GBP
Gain Bandwidth Product
Tamb=25℃, RL=10kΩ
CL=100pF
1
1
MHz
Ri
Input Resistance
10
12
10
12
Ω
CMR
Common Mode Rejection Ratio
Rs=50Ω
80
86
80
86
dB
SVR
Supply Voltage Rejection Ratio
Rs=50Ω
80
95
80
95
dB
ICC
Supply Current, Per Amplifier
Tamb=25℃, no load, no signal
200
250
200
250
µA
Vo1/Vo2
Channel Separation
Av=100, Tamb=25℃
120
120
PD
Total Power Consumption
Tamb=25℃, no load, no signal
6
7.5
6
7.5
mW
SR
Slew Rate
Vi=10V, RL=10kΩ
CL=10pF, Av=1
1.5
3.5
1.5
3.5
V/µS
tr
Rise Time
Vi=20mV, RL=10kΩ
CL=100pF, Av=1
0.2
0.2
µS
Kov
Overshoot Factor (see figure 1)
Vi=20mV, RL=10kΩ
CL=100pF, Av=1
10
10
%
en
Equivalent Input Noise Voltage
Rs=100Ω, f =1KHz
42
42
1. The input bias current of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive.
Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com