Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062C Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # TL062C
Description  LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TL062C Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TL062C Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. TL062C Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TL062; TL062A-TL062B
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
www.artschip.com
2
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
TL062M,AM,BM
TL062I,AI,BI
TL062C,AC,BC
Unit
Vcc
Supply voltage-note
1)
±18
V
Vi
Input voltage – note
2)
±15
V
Vid
Differential Input Voltage –note
3)
±30
V
Ptot
Power Dissipation
±680
mW
Output Short-circuit Duration – note
4)
Infinite
Toper
Operating Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
℃
Tstg
Storage Temperature Range
-65 to +150
℃
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages
where the zero reference level is the midpoint between Vcc
+ and Vcc-.
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
4.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that
the dissipation rating is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com