Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS31313 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 2Page - Allegro MicroSystems ALS31313 Datasheet HTML 3Page - Allegro MicroSystems ALS31313 Datasheet HTML 4Page - Allegro MicroSystems ALS31313 Datasheet HTML 5Page - Allegro MicroSystems ALS31313 Datasheet HTML 6Page - Allegro MicroSystems ALS31313 Datasheet HTML 7Page - Allegro MicroSystems ALS31313 Datasheet HTML 8Page - Allegro MicroSystems ALS31313 Datasheet HTML 9Page - Allegro MicroSystems ALS31313 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
6
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
I2C INTERFACE CHARACTERISTICS [1]: Valid through full range of TA, CBYPASS = 0.1 µF, RPU = 10 kΩ, and I2C Clock Speed
(FCLK) = 400 kHz, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
Bus Free Time Between Stop and Start
tBF
1.3
–
–
µs
Hold Time Start Condition
tSTA(H)
0.6
–
–
µs
Setup Time for Repeated Start Condition
tSTA(S)
0.6
–
–
µs
SCL Low Time
tLOW
1.3
–
–
µs
SCL High Time
tHIGH
0.6
–
–
µs
Data Setup Time
tDAT(S)
100
–
–
ns
Data Hold Time
tDAT(H)
0
–
900
ns
Setup Time for Stop Condition
tSTO(S)
0.6
–
–
µs
Logic Input Low Level (SDA, SCL Pins)
VI(L)
I2C threshold = 0; 3.0 V Compatible Mode
–
–
0.9
V
I2C threshold = 1; 1.8 V Compatible Mode
–
–
0.54
V
Logic Input High Level (SDA, SCL Pins)
VI(H)
I2C threshold = 0; 3.0 V Compatible Mode
2.1
–
–
V
I2C threshold = 1; 1.8 V Compatible Mode
1.26
–
–
V
Logic Input Current
II2C(IN)
VIN = 0 V to VCC, RPU = 2.4 kΩ
–1
0
1
µA
Output Voltage (SDA Pin)
VO(L)
ILOAD = 1.5 mA
–
–
0.36
V
Clock Frequency (SCL Pin)
fCLK
–
400
1000
kHz
Output Fall Time (SDA Pin)
tf
RPU = 2.4 kΩ, CBUS = 100 pF
–
–
250
ns
I2C Pull-Up Resistance
RI2C(PU)
2.4
10
–
kΩ
I2C Pull-Up Voltage
VI2C(PU)
1.8
3.0
3.3
V
Total Capacitive Load for SDL and SDA
Buses
CBUS
–
–
100
pF
[1]
I2C Interface Characteristics are guaranteed by design and are not factory tested.
Figure 3: I2C Interface Timing Diagram
SDA
SCL
tLOW
tHIGH
tSTA(S) tSTA(H)
tDAT(S)
tDAT(H)
tSTO(S)
tBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com