Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL20060 Datasheet(PDF) 2 Page - MKS Instruments.

Part # AL20060
Description  INDUSTRIAL MICROWAVE GENERATORS 2450 MHZ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AL20060 Datasheet(HTML) 2 Page - MKS Instruments.

  AL20060 Datasheet HTML 1Page - MKS Instruments. AL20060 Datasheet HTML 2Page - MKS Instruments. AL20060 Datasheet HTML 3Page - MKS Instruments. AL20060 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AL 20020
Power Output
200-2000 W
Frequency
2440-2470 MHz
Power Regulation
10-100%
Line Load Regulation
1%
Ripple
Max ±3% of output power
Ambient Temperature
Up to 40°C maximum
Microwave Connections
WR340 waveguide with PDR26 flange
Remote Control Options
PLC, RS232, ANYBUS
AC Power Input
230 VAC ±10%, 50/60 Hz
Compliance
CE
Power Supply
SM845
Dimensions
88mm (H) x 483mm (W) x 420mm (D)
Cooling
Forced air, approx 100 m3/h
Power Head
TI020
Dimensions
280mm (H) x 162mm (W) x 229mm (D)
Cooling
1 L/min, max 5 bar (inlet temp: 20-30°C)
AL 20030
Power Output
300-3000W
Frequency
2440-2470 MHz
Power Regulation
10-100%
Line Load Regulation
1%
Ripple
Max ±3% of output power
Ambient Temperature
Up to 40°C maximum
Microwave Connections
WR340 waveguide with PDR26 flange
Remote Control Options
PLC, RS232, ANYBUS
AC Power Input
3 x 208 V, 50/60 Hz; 3 x 400 V, 50/60 Hz
Compliance
CE
Power Supply
SM1250
Dimensions
130mm (H) x 447mm (W) x 420mm (D)
Cooling
Forced air, approx 120 m3/h
Power Head
TI030
Dimensions
280mm (H) x 162mm (W) x 229mm (D)
Cooling
2 L/min, max 5 bar (inlet temp: 20-30°C)
Power Supply —
SM 1250 shown
Power Head —
TI030 shown



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com