Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL20060 Datasheet(PDF) 4 Page - MKS Instruments.

Part # AL20060
Description  INDUSTRIAL MICROWAVE GENERATORS 2450 MHZ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AL20060 Datasheet(HTML) 4 Page - MKS Instruments.

  AL20060 Datasheet HTML 1Page - MKS Instruments. AL20060 Datasheet HTML 2Page - MKS Instruments. AL20060 Datasheet HTML 3Page - MKS Instruments. AL20060 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and
Ordering Information
Please contact your local MKS sales office for price and availability information.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice. mksinst™ is a trademark and Alter® is a registered trademark of MKS
Instruments, Inc., Andover, MA.
AL 20000 Series - 1/18
© 2014-2018 MKS Instruments, Inc.
All rights reserved.
AL 20150
Power Output
1- 15 kW
Frequency
2440 - 2470 MHz
Power Regulation
10%
Line Load Regulation
—
Ripple
Max ± 5% of output power
Ambient Temperature
Up to 40°C maximum
Microwave Connections
WR430 waveguide with PDR22 flange
Remote Control Options
RS232, ANYBUS (optional)
AC Power Input
3 x 400 V, 50/60 Hz; 3 x 480 V, 50/60 Hz
Compliance
CE
Power Supply
MPS 24 Option: integrated in cabinet
Dimensions
1500mm (H) x 600mm (W) x 800mm (D)
Cooling
Forced air, approx 800 m3/h; water cooled, 2L/min
Power Head
TM150
Dimensions
280mm (H) x 162mm (W) x 229mm (D)
Cooling
2L/min, max 5 bar (inlet temp: 20-30°C)
Ordering Information
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com
MKS Instruments Italy S.r.l.
Plasma & Reactive Gas Solutions
Via P. e M. Curie, 8
42122 Reggio Emilia, Italy
Tel: +39 0522 553 820



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com