Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16154BECT Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX16154BECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16154BECT Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX16154BECT Datasheet HTML 8Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 9Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 10Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 11Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 12Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 13Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 14Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 15Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Detailed Description
The MAX16152/MAX16153/MAX16154/MAX16155 are ultra-low-current supervisory circuits that monitor a single system
supply voltage and assert an active-low reset signal when the supply voltage drops below the factory-trimmed reset
threshold. After the supply voltage rises above the threshold voltage, the reset output remains asserted during the
reset timeout period, and finally asserts after the timeout period ends. In addition, a watchdog timer circuit monitors
microprocessor or microcontroller activity. During normal operation, the microprocessor or microcontroller toggles the
WDI input periodically with a valid logic transition (low to high or high to low). If the WDI input is toggled within
the watchdog timeout period (tWD), the internal timer is cleared and restarted, and the WDO output remains high. If the
input is not strobed before the timeout period expires, the watchdog output is asserted low for a period equal to the
watchdog output pulse width (tWDO).
Input Threshold
The MAX16152/MAX16153/MAX16154/MAX16155 monitor VCC with ±2.5% accuracy across the full temperature and
supply voltage ranges. The input threshold is programmable from 1.5V to 5V in approximately 100mV increments.
Contact Maxim for thresholds not listed in the Ordering Information table.
Watchdog
The MAX16152/MAX16153/MAX16154/MX16155 offer flexible watchdog circuits for monitoring microprocessor or
microcontroller activity. During normal operation, the internal timer is cleared and restarted each time the WDI input
undergoes a valid logic transition (high-to-low) within the selected timeout period (tWD). The WDO remains high as long
as the WDI input is strobed within the selected timeout period. If the WDI input is not strobed before the timeout period
expires, the watchdog output is asserted low for the watchdog output pulse width (tWDO). The MAX16154 and MAX16155
feature a logic input to enable/disable the watchdog timer during normal operation while the MAX16152 and MAX16153
does not. The watchdog timer for the MAX16152 and MAX16153 can be disabled by leaving the WDI floating.
Watchdog Startup Delay
All devices feature a factory-set startup delay. The startup delay provides an initial delay for the watchdog timer circuit
to power up and initialize before assuming responsibility for normal watchdog input monitoring. For the MAX16152 and
MAX16153, monitoring of the WDI input begins after the start-up time is complete. For the MAX16154 and MAX16155,
monitoring of the WDI input begins after the start-up delay if WD_EN is pulled high. To ensure that the system generates
no undesired watchdog outputs, the routine watchdog input transitions should begin before the minimum startup delay
period has expired. The startup delay is activated after the reset output is de-asserted. See the Selector Guide for
available watchdog startup delay options.
Watchdog Timeout Period
An open-drain, active-low watchdog output (WDO) asserts if a valid watchdog input transition is not received before the
timeout period elapses. See the Selector Guide for available watchdog timeout period options.
Watchdog Enable Input (WD_EN)
The MAX16154 and MAX16155 feature an active-high logic input (WD_EN) to enable or disable the watchdog function.
Applying a logic-low to WD_EN disables the watchdog function, causing the MAX16154 and MAX16155 to ignore any
signals applied to WDI. Applying a logic-high to WD_EN enables the watchdog function after 300μs (max) of set up time
tSETUP. See Figure 1, Figure 2, and Figure 3 for more details.
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com