Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16154BECT Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX16154BECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16154BECT Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX16154BECT Datasheet HTML 12Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 13Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 14Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 15Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 16Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 17Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 18Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 19Page - Maxim Integrated Products MAX16154BECT Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
below the reset threshold by the magnitude indicated (reset threshold overdrive). The graph shows the maximum pulse
width that a negative-going VCC transient may typically have without causing a reset pulse to be issued. As the amplitude
of the transient increases (i.e., goes farther below the reset threshold), the maximum allowable pulse width decreases. A
0.1µF bypass capacitor mounted close to the VCC pin provides additional transient immunity.
Selector Guide
MAX161__ __ __ __ __ +T
SUF
SUF
ttRP
RP
((MIN)
MIN)
100µs
A
16ms
B
128ms
C
256ms
D
SUF
SUF
100µs
A
4s
B
16s
C
64s
D
SUF
SUF
WD TIMEOUT
WD TIMEOUT
DELAY
DELAY (MIN)
(MIN)
1s
A
4s
B
16s
C
64s
D
PART#
PART# PACKAGE
PACKAGE
WLP
52
SOT23
53
WLP
54
SOT23
55
SUF
SUF
VTH
VTH
1.5V
B
1.8V
C
2.5V
D
3.3V
E
5.0V
F
WD STARTUP
WD STARTUP
DELAY
DELAY (MIN)
(MIN)
Ordering Information
PART NUMBER
TEMPERATURE RANGE
PIN-PACKAGE
MAX16152_ _ _ _ +T*
-40ºC to +125ºC
6 WLP
MAX16153_ _ _ _ +T*
-40ºC to +125ºC
6 SOT23
MAX16154_ _ _ _+T*
-40ºC to +125ºC
6 WLP
MAX16155ABAD+T
-40ºC to +125ºC
6 SOT23
Note: See the Selector Guide for reset timeout period, threshold voltage, watchdog start up delay, and watchdog timeout options. For
additional options and future products, please visit www.maximintegrated.com.
+ Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape-and-reel.
*Future product—Contact factory for availability.
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com