Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003U Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCD6003U
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003U Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCD6003U Datasheet HTML 58Page - NXP Semiconductors PCD6003U Datasheet HTML 59Page - NXP Semiconductors PCD6003U Datasheet HTML 60Page - NXP Semiconductors PCD6003U Datasheet HTML 61Page - NXP Semiconductors PCD6003U Datasheet HTML 62Page - NXP Semiconductors PCD6003U Datasheet HTML 63Page - NXP Semiconductors PCD6003U Datasheet HTML 64Page - NXP Semiconductors PCD6003U Datasheet HTML 65Page - NXP Semiconductors PCD6003U Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
2001 Apr 17
62
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
13.2.1
VOLUME CONTROL REGISTERS (CDVC1 AND CDVC2)
The Volume Control Registers are identical and both are reset to 00H. Table 54 is relevant to both registers.
Table 53 Volume Control Register 1 (SFR address BBH); Volume Control Register 2 (SFR address BCH)
Table 54 Digital-to-analog gain values
Note
1. In these gain values the
−4 dB digital gain (software DSP output port gain of −2 dB and DNS path gain of −2 dB) is
not included as in previous PCD600x data sheets.
13.2.2
DATA CONTROL REGISTER (DTCON)
Table 55 Data Control Register (SFR address C7H), reset state 00H
Table 56 Analog-to-digital gain values
Notes
1. The 3.14 dB digital gain of DDF hardware block is not included here. The nominal values given in this table are
rounded for naming convention. See Section 17.5 for exact typical/maximum gain specifications.
2. System application should be such that the maximum line input signal level does not exceed the specified value to
avoid distortion (see Section 17.5 for maximum input level specifications). At a maximum line input level of
−37 dBm
full-scale control the internal ADC can still be achieved by a maximum gain setting of 35 dB.
3. System application should be such that the maximum differential microphone input signal level does not exceed the
specified value to avoid distortion (see Section 17.5 for maximum input level specifications). At a maximum
microphone input level of
−52 dBm full-scale control the internal ADC can still be achieved by a maximum gain setting
of 50 dB. The high dynamic range of the ADC allows for additional digital gain up to 30 dB by the DSP.
4. If the HI_GAIN1/LO_GAIN2 bit is set to logic 1, the value of bit 3 of CDVC1/2 and AMP_EN is overruled and the gain
will be +35 dB for CODEC1 and +7 dB for CODEC2.
76543210
D/A.1
D/A.0
spare
spare
A/D
spare
spare
spare
CDVC1[7:4]/CDVC2[7:4]
DIGITAL-TO-ANALOG GAIN FOR CODEC1 AND CODEC2(1)
00XX
−12 dB
01XX
−6dB
10XX
0 dB
11XX
+6 dB
76543210
spare
spare
HI_GAIN1
LINESEL
spare
AMP_ENA
LO_GAIN2
spare
CODEC1 analog-to-digital gain and channel selection
CODEC2 analog-to-digital gain
CDVC1[3:0]/CDVC2
[3:0]
ANALOG-TO-DIGITAL GAIN(1)
CODEC1 (LINE)(2)
CODEC2 (MIC)(3)
HI_GAIN1 (LINE)/LO_GAIN2 (MIC)
AMP_ENA = 0 AMP_ENA = 1
0XXX
7 dB
23 dB
38 dB
HI_GAIN1/LO_GAIN2 = 0(4)
1XXX
23 dB
35 dB
50 dB
XXXX
35 dB
7 dB
HI_GAIN1/LO_GAIN2 = 1(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com