Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003U Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCD6003U
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003U Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCD6003U Datasheet HTML 63Page - NXP Semiconductors PCD6003U Datasheet HTML 64Page - NXP Semiconductors PCD6003U Datasheet HTML 65Page - NXP Semiconductors PCD6003U Datasheet HTML 66Page - NXP Semiconductors PCD6003U Datasheet HTML 67Page - NXP Semiconductors PCD6003U Datasheet HTML 68Page - NXP Semiconductors PCD6003U Datasheet HTML 69Page - NXP Semiconductors PCD6003U Datasheet HTML 70Page - NXP Semiconductors PCD6003U Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
2001 Apr 17
67
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
15.4.1
IOM DATA IN REGISTER (IOMDI)
Table 58 IOM Data In Register; reset state 00H
15.4.2
IOM DATA OUT REGISTER (IOMDO)
Table 59 IOM Data Out Register; reset state 00H
15.5
IOM Control Register (IOMC)
The bit rates, the selection of active slots on the IOM interface and the logic connection between an IOM slot and an IOM
data buffer are defined in the IOM Control Register. The IOM modes which can be selected are listed in Table 61.
Writing to the IOMC register is done via the Application Programming Interface (API) software. Please refer to the API
specification for more details.
Table 60 IOM Control Register; reset state 00H
Table 61 Selection of IOM modes
Note
1. The Speech mode is similar to the IOM slave 32 slots mode, but with a non-doubled data clock DCK.
15
14
13
12
11
10
9876543210
IOM inbound data buffer 1
IOM inbound data buffer 0
15
14
13
12
11
10
9876543210
IOM outbound data buffer 1
IOM outbound data buffer 0
15
14
13
12
11
10
9
8
7
6
5
43210
IOM Mode select
IOM buffer 0; slot position
spare
buffer 0
active
buffer 1
active
IOM buffer 1; slot position
IOMC[15:13]
MODE
000 or 001
Inactive (default after reset)
010
IOM Slave mode, 256 kbits/s in 4 slots/speech-frame
011
IOM Slave mode, 512 kbits/s in 8 slots/speech-frame
100
IOM Master/Slave mode, 768 kbits/s in 12 slots/speech-frame
101
IOM Slave mode, 1024 kbits/s in 16 slots/speech-frame
110
Speech Slave mode, 2048 kbits/s in 32 slots/speech-frame(1)
111
IOM Slave mode, 2048 kbits/s in 32 slots/speech-frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com