Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5000 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5000 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS5000 Datasheet HTML 5Page - Maxim Integrated Products DS5000 Datasheet HTML 6Page - Maxim Integrated Products DS5000 Datasheet HTML 7Page - Maxim Integrated Products DS5000 Datasheet HTML 8Page - Maxim Integrated Products DS5000 Datasheet HTML 9Page - Maxim Integrated Products DS5000 Datasheet HTML 10Page - Maxim Integrated Products DS5000 Datasheet HTML 11Page - Maxim Integrated Products DS5000 Datasheet HTML 12Page - Maxim Integrated Products DS5000 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DS5000(T)
9 of 19
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground…………………………………………………….-0.3V to +7.0V
Operating Temperature…………………………………………………………………….….0°C to +70°C
Storage Temperature………………………………………………………………………...-40°C to +70°C
Soldering Temperature.…………………………………………See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability.
DC CHARACTERISTICS
(tA=0°C to 70°C; VCC=5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Low Voltage
VIL
-0.3
0.8
V
1
Input High Voltage
VIH1
2.0
VCC+0.3
V
1
Input High Voltage RST, XTAL1
VIH2
3.5
VCC+0.3
V
1
Output Low Voltage
@ IOL=1.6 mA (Ports 1, 2, 3)
VOL1
0.15
0.45
V
Output Low Voltage
@ IOL=3.2 mA (Ports 0, ALE, PSEN )
VOL2
0.15
0.45
V
1
Output High Voltage
@ IOH=-80 µA (Ports 1, 2, 3)
VOH1
2.4
4.8
V
1
Output High Voltage
@ IOH=-400 µA (Ports 0, ALE, PSEN )
VOH2
2.4
4.8
V
1
Input Low Current VIN = 0.45V
(Ports 1, 2, 3)
IIL
-50
µA
Transition Current; 1 to 0
VIN=2.0V (Ports 1, 2, 3)
ITL
-500
µA
Input Leakage Current
0.45 < VIN < VCC (Port 0)
IL
±10
µA
RST, EA Pulldown Resistor
RRE
40
125
k
Ω
Stop Mode Current
ISM
80
µA
4
Power-Fail Warning Voltage
VPFW
4.15
4.6
4.75
V
1
Minimum Operating Voltage
VCCmin
4.05
4.5
4.65
V
1
Programming Supply Voltage
(Parallel Program Mode)
VPP
12.5
13
V
1
Program Supply Current
IPP
15
20
mA
Operating Current DS5000-8k @ 8MHz
DS5000-32k @ 12 MHz
DS5000(T)-32-16 @ 16 MHz
ICC
25.2
35.7
45.6
43
48
54
mA
2
Idle Mode Current @ 12 MHz
ICC
4.5
6.2
mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com